Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VT3245LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3VT3245LE
Description  8-Bit, 2-Port, Low Voltage Translator Bus SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VT3245LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3VT3245LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VT3245LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VT3245LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VT3245LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VT3245LE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8530B
08/13/04
Truth Table(1)
Function
BE
A0-7
Disconnect
H
Hi-Z
Connect
L
B0-7
Description
PericomSemiconductor’sPI3VTseriesoflogiccircuitsareproduced
using the Company’s advanced submicron CMOS technology,
achieving industry leading performance.
The PI3VT3245 is a 2.5V or 3.3V 8-bit, 2-port bus switch
designed with a low On-Resistance (5Ω). The switches are turned
ON or enabled by the Bus Enable (BE) input signal.
Given a 3.3V supply and an input voltage of 3.3V, the switch
translates to an output voltage of 2.5V. Similarly, when operated
with a 2.5V supply and given 2.5V inputs, the device translates
the outputs to 1.8V.
Notes:
1. H = High Voltage Level
L = Low Voltage Level
Hi-Z = High Impedance
Block Diagram
Pin Description
Pin Name
Description
BE
Bus Enable Input (Active Low)
A0-A7
Bus A
B0-B7
Bus B
VCC
Power
GND
Ground
Pin Configuration
Features
• Near-Zero propagation delay
• Low On-Resistance switches connect inputs to outputs
• 2.5V to 3.3V Supply voltage operation
• 2.5V or 1.8V switching
• Packaging (Pb-free & Green available):
– 20-pin, 150-mil wide plastic QSOP (Q)
– 20-pin, 173-mil wide plastic TSSOP (L)
Applications
• 3.3V to 2.5V level shifting (voltage translation)
• 2.5V to 1.8V level shifting (voltage translation)
PI3VT3245
8-Bit, 2-Port, Low Voltage
Translator Bus Switch
VCC
BE
B0
B1
B2
B3
B4
B5
B6
B7
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
NC
A0
A1
A2
A3
A4
A5
A6
A7
GND
BE
A7
A0
B7
B0


Similar Part No. - PI3VT3245LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VT3245-A PERICOM-PI3VT3245-A Datasheet
669Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT3245-ALE PERICOM-PI3VT3245-ALE Datasheet
669Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT3245-AQE PERICOM-PI3VT3245-AQE Datasheet
669Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus Switch
More results

Similar Description - PI3VT3245LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VT3306 PERICOM-PI3VT3306 Datasheet
359Kb / 4P
2-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT34X245 PERICOM-PI3VT34X245 Datasheet
262Kb / 4P
32-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT3384 PERICOM-PI3VT3384 Datasheet
250Kb / 5P
10-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT32X245 PERICOM-PI3VT32X245 Datasheet
327Kb / 4P
16-Bit, 2-Port, Low Voltage Translator Bus Switch
logo
Potato Semiconductor Co...
PO3VT3245A POTATO-PO3VT3245A Datasheet
543Kb / 6P
Hot Insertion 8-Bit, 2-Port, Low Voltage Translator Bus Switch
PO3VT3305A POTATO-PO3VT3305A Datasheet
571Kb / 6P
High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port, Low Voltage Translator Bus Switch
PO3VT3306A POTATO-PO3VT3306A Datasheet
570Kb / 6P
High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port, Low Voltage Translator Bus Switch
PO3VT3245A POTATO-PO3VT3245A_14 Datasheet
992Kb / 5P
Translator Bus SwitchHot Insertion 8-Bit, 2-Port, Low Voltage
logo
Pericom Semiconductor C...
PI3VT32X245-A PERICOM-PI3VT32X245-A Datasheet
708Kb / 5P
16-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT3245-A PERICOM-PI3VT3245-A Datasheet
669Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com