Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VT3245LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3VT3245LE
Description  8-Bit, 2-Port, Low Voltage Translator Bus SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VT3245LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3VT3245LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VT3245LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VT3245LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VT3245LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VT3245LE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PS8530B
08/13/04
PI3VT3245
8-Bit, 2-Port, Low Voltage
Translator Bus Switch
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
ICC
Quiescent Power Supply Current
VCC = Max.
VIN = GND or VCC
3
µA
∆ICC
Quiescent Current per Input HIGH
VIN = 3V(3)
50
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per driven input (control input only); A and B pins do not contribute to ΔICC.
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The
time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall times of
typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is
determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
Switching Characteristics over 2.5V ±0.2V Operating Range
Parameters
Description
Conditions(1)
Com.
Units
Min.
Max.
tPLH
tPHL
Propogation Delay(2,3) Ax to Bx
CL = 50pF,
RL = 500Ω
0.25
ns
tPZH
tPZL
Enable Time BE to Ax or Bx
CL = 50pF,
RL = 500Ω,
R = 500Ω
1.5
9.8
tPHZ
tPLZ
Disable Time BE to Ax or Bx
1.5
8.3
Switching Characteristics over 3.3V ±0.3V Operating Range
Parameters
Description
Conditions(1)
Com.
Units
Min.
Max.
tPLH
tPHL
Propogation Delay(2,3) Ax to Bx
CL = 50pF,
RL = 500Ω
0.25
ns
tPZH
tPZL
Enable Time BE to Ax or Bx
CL = 50pF,
RL = 500Ω,
R = 500Ω
1.5
9.8
tPHZ
tPLZ
Disable Time BE to Ax or Bx
1.5
8.3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com