Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3244LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5C3244LE
Description  8-Bit, 2-Port Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3244LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5C3244LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3244LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3244LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3244LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3244LE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS7014C
09/2804
Description:
Pericom Semiconductor’s PI5C3244 features a set of eight bus
switches which is pinout and function compatible with the
PI74FCT244T, 74F244, and 74ALS/AS/LS 244 8-bit drivers. Two
enable signals (BEn) turn the switches on similar to the enable
signals of the 244. The bus switch creates no additional propagation
delay or ground bounce noise.
BE1
BE2
1A,1B
2A,2B
H
H
Disconnect
Disconnect
L
H
1A = 1B
Disconnect
H
L
Disconnect
2A = 2B
L
L
1A = 1B
2A = 2B
Truth Table(1)
Block Diagram
PinDescription
Pin Name
Description
BEn
Bus Output Enable (Active LOW)
A0-A3
Bus A
B0-B3
Bus B
GND
Ground
VCC
Power
PinConfiguration
PI5C3244
8-Bit, 2-Port Switch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Features:
• Near-Zero propagation delay
• 5-ohm switches connect inputs to outputs when enabled
• Direct bus connection when switches are ON
• Ultra Low Quiescent Power (0.2µA Typical)
– Ideally suited for notebook applications
• Pin compatible with 74 Series 244 logic devices
• Packaging (Pb-free & Green available):
– 20-pin 173-mil wide plastic TSSOP (L)
– 20-pin 150-mil wide plastic QSOP (Q)
– 20-pin 300-mil wide plastic SOIC (S)
Note: 1. H = High Voltage Level
L = Low Voltage Level
1B0
1A0
1B1
1A1
1B2
1A2
1B3
1A3
BE1
2B0
2A0
2B1
2A1
2B2
2A2
2B3
2A3
BE2
VCC
BE1
120
BE2
219
1
B0
1
A0
318
2
A3
2
B3
417
1
B1
1
A1
516
2
A2
2
B2
615
1
B2
1
A2
714
2
A1
2
B1
813
1
B3
1
A3
912
2
A0
2
B0
10
11
GND


Similar Part No. - PI5C3244LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3245 PERICOM-PI5C3245 Datasheet
159Kb / 3P
8-Bit, 2-Port Bus Switch
PI5C3245L PERICOM-PI5C3245L Datasheet
352Kb / 5P
8-Bit, 2-Port Bus Switch
PI5C3245LE PERICOM-PI5C3245LE Datasheet
352Kb / 5P
8-Bit, 2-Port Bus Switch
PI5C3245LE PERICOM-PI5C3245LE Datasheet
696Kb / 5P
8-Bit, 2-Port Bus Switch
PI5C3245Q PERICOM-PI5C3245Q Datasheet
159Kb / 3P
8-Bit, 2-Port Bus Switch
More results

Similar Description - PI5C3244LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VT3245 PERICOM-PI3VT3245 Datasheet
311Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus SWITCH
PI5C3245 PERICOM-PI5C3245 Datasheet
159Kb / 3P
8-Bit, 2-Port Bus Switch
PI5C32245 PERICOM-PI5C32245 Datasheet
31Kb / 3P
8-Bit, 2-Port Bus Switch with 25W Series Resistor
logo
Potato Semiconductor Co...
PO3B3126A POTATO-PO3B3126A Datasheet
550Kb / 6P
8-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3245A POTATO-PO3B3245A Datasheet
544Kb / 6P
8-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C3245QE PERICOM-PI5C3245QE Datasheet
352Kb / 5P
8-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B3245A POTATO-PO3B3245A_14 Datasheet
1Mb / 5P
8-Bit, 2-Port Bus Switch
logo
Analog Devices
ADG3245 AD-ADG3245_15 Datasheet
324Kb / 12P
2.5V/3.3V 8 Bit 2 Port Level Translating Bus Switch
REV. B
logo
Pericom Semiconductor C...
PI3VT3245-A PERICOM-PI3VT3245-A Datasheet
669Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus Switch
PI5C3245 PERICOM-PI5C3245_10 Datasheet
696Kb / 5P
8-Bit, 2-Port Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com