Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3244LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5C3244LE
Description  8-Bit, 2-Port Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3244LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5C3244LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3244LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3244LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3244LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3244LE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PI5C3244
8-Bit,2-PortSwitch
3
PS7014C
09/2804
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
PowerSupplyCharacteristics
Parameters Description
TestConditions(1)
Min.
Typ(2)
Max.
Units
ICC
Quiescent Power
VCC=Max.
VIN =GNDor VCC
0.1
3.0
µA
Supply Current
∆ICC
Supply Current per
VCC=Max.
VIN=3.4V(3)
2.5
mA
Input @ TTL HIGH
ICCD
Supply Current per
VCC=Max.,
0.25
mA/
Input per MHz(4)
A and B Pins Open
MHz
BE1or BE2=GND
Control Input Toggling
50% Duty Cycle
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at Vcc = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V, control inputs only); A and B pins do not contribute to Icc.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified frequency. The
A and B inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is guaranteed by design.
Switching Characteristics over Operating Range
PI5C3244
Com.
Parameters Description
Conditions(1)
Min
Max
Unit
tPLH
Propagation Delay(2,3)
CL = 50 pF
0.25
ns
tPHL
Ax to Bx
RL = 500ohm
tPZH
Bus Enable Time
1.5
5.6
ns
tPZL
BEX to Ax or Bx
tPHZ
Bus Disable Time
1.5
5.2
ns
tPLZ
BEX to Ax or Bx
Notes:
1. See test circuit and wave forms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The
time constant for the switch alone is of the order of 0.25 ns for 50 pF load. Since this time constant is much smaller than the rise/fall times of
typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is
determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com