Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT40.721 Datasheet(PDF) 10 Page - PULS GmbH

Part # XT40.721
Description  THREE-PHASE INPUT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.721 Datasheet(HTML) 10 Page - PULS GmbH

Back Button XT40.721 Datasheet HTML 6Page - PULS GmbH XT40.721 Datasheet HTML 7Page - PULS GmbH XT40.721 Datasheet HTML 8Page - PULS GmbH XT40.721 Datasheet HTML 9Page - PULS GmbH XT40.721 Datasheet HTML 10Page - PULS GmbH XT40.721 Datasheet HTML 11Page - PULS GmbH XT40.721 Datasheet HTML 12Page - PULS GmbH XT40.721 Datasheet HTML 13Page - PULS GmbH XT40.721 Datasheet HTML 14Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
XT40.721, XT40.722
– X-Series
72V, 13A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.72x-EN All parameters are specified at 72V 13.3A, 3x400Vac (XT40.721) or 3x480Vac (XT40.722),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
10/19
14. EMC
The power supply is suitable for applications in industrial environments as well as in residential, commercial and light
industry environments without any restrictions. The CE mark is in conformance with EMC guideline 89/336/EEC and
93/68/EEC and the low-voltage directive (LVD) 73/23/EWG. A detailed EMC report is available on request.
EMC Immunity
EN 61000-6-1 and EN 61000-6-2
Generic standards
Electrostatic discharge
EN 61000-4-2
Contact discharge
Air discharge
8kV
15kV
Criterion A
Criterion A
Electromagnetic RF field
EN 61000-4-3
80MHz-1GHz
10V/m
Criterion A
Fast transients (Burst)
EN 61000-4-4
Input lines
Output lines
4kV
2kV
Criterion A
Criterion A
Surge voltage on input
EN 61000-4-5
L1
L2, L2
L3, L1
L3
L1 / L2 / L3
PE
2kV
4kV
Criterion A
Criterion A
Surge voltage on output
EN 61000-4-5
+
-
+ / -
PE
500V
500V
Criterion A
Criterion A
Conducted disturbance
EN 61000-4-6
0.15-80MHz
10V
Criterion A
Mains voltage dips
EN 61000-4-11
0% of 400Vac
40% of 400Vac
70% of 100Vac
0% of 480Vac
40% of 480Vac
70% of 480Vac
20ms
200ms
500ms
20ms
200ms
500ms
Criterion B
Criterion C
Criterion C
Criterion B
Criterion C
Criterion C
Powerful transients
VDE 0160
over entire load range
1300V, 1.3ms
Criterion D
Criteria:
A: Power supply shows normal operation behavior within the defined limits.
B: During the mains voltage dip, the output voltage will decrease according to curves in the section “Hold-up Time”. The unit works in normal mode
once the voltage dip is over.
C: Temporary loss of function is possible. Power supply might shut-down and restarts by itself. No damages or hazards for the power supply will occur.
D: The input transient blocker opens and the main converter is without input power during such transients. The output voltage decreases similar as
described in the hold-up time section during such an event.
EMC Emission
EN 61000-6-3 and EN 61000-6-4
Generic standards
Conducted emission
EN 55011, EN 55022, FCC Part 15, CISPR 11, CISPR 22
Class B, input lines
EN 55022
Class B, output lines
Radiated emission
EN 55011, EN 55022
Class B
Harmonic input current
EN 61000-3-2
Fulfilled, active PFC
Voltage fluctuations, flicker
EN 61000-3-3
Fulfilled
This device complies with FCC Part 15 rules.
Operation is subjected to the following two conditions: (1) this device may not cause harmful interference, and (2) this
device must accept any interference received, including interference that may cause undesired operation.
Switching Frequency
Switching frequency
36kHz
nearly constant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com