Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT40.721 Datasheet(PDF) 4 Page - PULS GmbH

Part # XT40.721
Description  THREE-PHASE INPUT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.721 Datasheet(HTML) 4 Page - PULS GmbH

  XT40.721 Datasheet HTML 1Page - PULS GmbH XT40.721 Datasheet HTML 2Page - PULS GmbH XT40.721 Datasheet HTML 3Page - PULS GmbH XT40.721 Datasheet HTML 4Page - PULS GmbH XT40.721 Datasheet HTML 5Page - PULS GmbH XT40.721 Datasheet HTML 6Page - PULS GmbH XT40.721 Datasheet HTML 7Page - PULS GmbH XT40.721 Datasheet HTML 8Page - PULS GmbH XT40.721 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
XT40.721, XT40.722
– X-Series
72V, 13A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.72x-EN All parameters are specified at 72V 13.3A, 3x400Vac (XT40.721) or 3x480Vac (XT40.722),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
4/19
Fig. 5-2 Input voltage range
Fig. 5-3 Turn-on behavior definitions
fully regulated
range
V
IN
P
OUT
3x 528Vac
3x 432Vac
480V Version:
3x 440Vac
3x 360Vac
400V Version:
Start-up
delay
Rise
Time
- 5%
Output
Voltage
Intput
Voltage
Fig. 5-4 Input current vs. output load
Fig. 5-5 Power factor vs. output load
16A
24
10
0
0.3
0.6
0.9
1.2
1.5
1.8A
Input Current per Phase, typ.
Output Current
68
12
14
XT
40
.72
1 (
3x
40
0V
)
XT
40
.72
2 (
3x
48
0V
)
16A
2
4
10
14
0.70
0.75
0.8
0.85
0.9
0.95
1.0
Power Factor, typ.
Output Current
68
12
6. INPUT INRUSH CURRENT
There is virtually no input inrush current surge as there are no electrolytic bulk-capacitors utilized on the input side of
the power supply.
The charging current into the EMI suppression capacitors is disregarded for the first millisecond after switch-on.
XT40.721
XT40.722
Inrush current
max.
4A
peak
4A
peak
-25°C to +70°C, see Fig. 6-1
Inrush energy
max.
5A
2s
5A
2s
-25°C to +70°C, see Fig. 6-1
Inrush delay
typ.
400ms
350ms
see Fig. 6-1
Fig. 6-1 Input inrush current, typical behavior
Input Current
Input Voltage
Output Voltage
A
A:
Inrush delay
XT40.721:
Input:
3x400Vac, only one phase shown
Output:
72V, 13.3A
Ambient:
25°C
Upper curve:
Input current 2A / DIV
Medium curve: Input voltage 500V / DIV
(measured between L and N)
Lower curve:
Output voltage 60V / DIV
Time basis:
100ms / DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com