Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YA3450WN Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # YA3450WN
Description  BASE STATION ANTENNAS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

YA3450WN Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  YA3450WN Datasheet HTML 1Page - Pulse A Technitrol Company YA3450WN Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: Antennas are not to scale
1 800 ANTENNA (268-3662)
35
BASE STATION ANTENNAS
YAGIs
All Pulse/Larsen Yagis have the following specifications:
Construction: Fully Welded Elements
Wind Load:
100 mph
VSWR:
2.0:1
Feed Connection:
N Female
Power Rating: 300 Watts
Mounting Hardware: Included
# of
Frequency
Gain
Length
Model
Elements
(MHz)
(dBd/dBi)
(In)
YA3406WN
5
406-430
9/11
42.25
YA3450WN
5
450-470
9/11
36.25
YA5740W
7
740-806
9/11
32.75
YA6740W
4
740-806
6/8
19.25
YA5800W
7
806-866
9/11
31.25
YA6800W
4
806-866
6/8
17.5
YA5825W
7
824-896
9/11
31.25
YA6825
4
824-896
6/8
17.5
YA5900W
7
890-960
9/11
30
YA6900W
4
890-960
6/8
17.5
YA6 Series
YA5 Series
YA3 Series


Similar Part No. - YA3450WN

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
YA34A1 HUBBELL-YA34A1 Datasheet
266Kb / 3P
Aluminum Compression Lug, 1 Hole w/o Inspection Window, 500 kcmil, 5/8" Stud, Al/Cu Rated, Tin Plated.
YA34A2NG2 HUBBELL-YA34A2NG2 Datasheet
259Kb / 2P
AL HYLUG 500KCMIL NO PLA
YA34A2NG2TN HUBBELL-YA34A2NG2TN Datasheet
260Kb / 2P
HYLUG - TIN PLATED
YA34A2NG3 HUBBELL-YA34A2NG3 Datasheet
259Kb / 2P
ALUMINUM LUG
YA34A3 HUBBELL-YA34A3 Datasheet
262Kb / 2P
Aluminum Compression Lug, 2 Hole w/o Inspection Window, 500 kcmil, 1/2" Stud, 1-3/4" Stud Hole Spacing, Al/Cu Rated, Tin Plated.
More results

Similar Description - YA3450WN

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
820-IF63.0M-A OSCILENT-820-IF63.0M-A Datasheet
132Kb / 1P
Base Station & Repeater
820-IF70.0M-A OSCILENT-820-IF70.0M-A Datasheet
141Kb / 2P
Base Station & Repeater
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y Datasheet
146Kb / 2P
Base Station & Repeater
820-IF72.5M-A OSCILENT-820-IF72.5M-A Datasheet
145Kb / 2P
Base Station & Repeater
820-IF75.0M-A OSCILENT-820-IF75.0M-A Datasheet
143Kb / 2P
Base Station & Repeater
820-IF77.5M-A OSCILENT-820-IF77.5M-A Datasheet
144Kb / 2P
Base Station & Repeater
820-IF82.0M-A OSCILENT-820-IF82.0M-A Datasheet
130Kb / 1P
Base Station & Repeater
827-IF70.0M-Z OSCILENT-827-IF70.0M-Z Datasheet
147Kb / 2P
Base Station & Repeater
logo
NIHON DEMPA KOGYO
NV13M09WS NDK-NV13M09WS Datasheet
683Kb / 1P
Personal Radio Base Station and 5G Base Station
logo
PCTEL, Inc.
MFB PCTEL-MFB Datasheet
297Kb / 4P
Fiberglass Base Station Omnidirectional Antennas
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com