Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1013 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1013
Description  3-in-1 Silicon Delay Line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1013 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1013 Datasheet HTML 1Page - Dallas Semiconductor DS1013 Datasheet HTML 2Page - Dallas Semiconductor DS1013 Datasheet HTML 3Page - Dallas Semiconductor DS1013 Datasheet HTML 4Page - Dallas Semiconductor DS1013 Datasheet HTML 5Page - Dallas Semiconductor DS1013 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS1013
2 of 6
LOGIC DIAGRAM Figure 1
PART NUMBER DELAY TABLE (tPHL, tPLH) Table 1
PART NO.
DELAY PER OUTPUT (ns)
DS1013-10
10/10/10
DS1013-12
12/12/12
DS1013-15
15/15/15
DS1013-20
20/20/20
DS1013-25
25/25/25
DS1013-30
30/30/30
DS1013-35
35/35/35
DS1013-40
40/40/40
DS1013-45
45/45/45
DS1013-50
50/50/50
DS1013-60
60/60/60
DS1013-70*
70/70/70
DS1013-75*
75/75/75
DS1013-80*
80/80/80
DS1013-100*
100/100/100
DS1013-150**
150/150/150
DS1013-200**
200/200/200
Custom delays available
* ±3% tolerance
** ±5% tolerance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com