Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1013 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1013
Description  3-in-1 Silicon Delay Line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1013 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1013 Datasheet HTML 1Page - Dallas Semiconductor DS1013 Datasheet HTML 2Page - Dallas Semiconductor DS1013 Datasheet HTML 3Page - Dallas Semiconductor DS1013 Datasheet HTML 4Page - Dallas Semiconductor DS1013 Datasheet HTML 5Page - Dallas Semiconductor DS1013 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
111799
FEATURES
All-silicon time delay
3 independent buffered delays
Delay tolerance ±2ns for -10 through –60
Stable and precise over temperature and
voltage range
Leading and trailing edge accuracy
Economical
Auto-insertable, low profile
Standard 14-pin DIP, 8-pin DIP, or 16-pin
SOIC
Low-power CMOS
TTL/CMOS-compatible
Vapor phase, IR and wave solderable
Custom delays available
Quick turn prototypes
Extended temperature ranges available
PIN ASSIGNMENT
PIN DESCRIPTION
IN 1, IN 2, IN 3
- Inputs
OUT 1, OUT 2, OUT 3 - Outputs
GND
- Ground
VCC
- +5 Volts
NC
- No Connection
DESCRIPTION
The DS1013 series of delay lines has three independent logic buffered delays in a single package. The
devices are offered in a standard 14-pin DIP which is pin-compatible with hybrid delay lines. Alternative
8-pin DIP and surface mount packages are available which save PC board area. Since the DS1013
products are an all silicon solution, better economy is achieved when compared to older methods using
hybrid techniques. The DS1013 series delay lines provide a nominal accuracy of
±2ns for delay times
ranging from 10 ns to 60 ns, increasing to 5% for delays of 150 ns and longer. The DS1013 delay line
reproduces the input logic state at the output after a fixed delay as specified by the dash number extension
of the part number. The DS1013 is designed to reproduce both leading and trailing edges with equal
precision. Each output is capable of driving up to 10 74LS loads. Dallas Semiconductor can customize
standard products to meet special needs. For special requests and rapid delivery, call (972) 371–4348.
DS1013
3-in-1 Silicon Delay Line
www.dalsemi.com
IN 1
IN 2
IN 3
GND
VCC
OUT 1
OUT 2
OUT 3
1
2
3
4
6
5
8
7
DS1013M 8-pin DIP (300-mil)
See Mech. Drawings Section
DS1013S 16-pin SOIC
(300-mil)
See Mech. Drawings Section
IN 1
NC
NC
IN 2
IN 3
NC
GND
NC
NC
NC
OUT 3
OUT 2
OUT 1
VCC
NC
NC
1
2
3
4
5
6
7
16
15
14
13
12
8
9
10
11
IN 1
NC
IN 2
NC
NC
IN 3
GND
NC
NC
NC
OUT 3
OUT 2
OUT 1
VCC
1
2
3
4
5
6
7
14
13
12
11
10
8
DS1013 14-pin DIP (300-mil)
See Mech. Drawings Section
9


Similar Part No. - DS1013

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
3-in-1 Silicon Delay Line
logo
TT Electronics.
DS1013 TTELEC-DS1013 Datasheet
340Kb / 2P
Water Flow Transmitter
logo
Maxim Integrated Produc...
DS1013 MAXIM-DS1013 Datasheet
56Kb / 6P
3-in-1 Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1013-10 DALLAS-DS1013-10 Datasheet
50Kb / 6P
3-in-1 Silicon Delay Line
logo
Maxim Integrated Produc...
DS1013-10 MAXIM-DS1013-10 Datasheet
56Kb / 6P
3-in-1 Silicon Delay Line
111799
More results

Similar Description - DS1013

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
3-in-1 Silicon Delay Line
DS1033 DALLAS-DS1033 Datasheet
50Kb / 6P
3-in-1 Low Voltage Silicon Delay Line
DS1035 DALLAS-DS1035 Datasheet
50Kb / 6P
3-in-1 High.Speed Silicon Delay Line
DS1135 DALLAS-DS1135 Datasheet
68Kb / 6P
3-in-1 High-Speed Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1013 MAXIM-MXD1013 Datasheet
56Kb / 6P
3-in-1 Silicon Delay Line
19-0394; Rev 0; 12/97
logo
Dallas Semiconductor
DS1033 DALLAS-DS1033 Datasheet
50Kb / 6P
3-in-1 Low Voltage Silicon Delay Line
logo
Maxim Integrated Produc...
DS1013 MAXIM-DS1013 Datasheet
56Kb / 6P
3-in-1 Silicon Delay Line
111799
DS1033 MAXIM-DS1033 Datasheet
56Kb / 6P
3-in-1 Low Voltage Silicon Delay Line
111799
DS1035 MAXIM-DS1035 Datasheet
55Kb / 6P
3-in-1 High?밪peed Silicon Delay Line
111799
DS1135 MAXIM-DS1135 Datasheet
312Kb / 7P
3-in-1 High-Speed Silicon Delay Line
19-6411; Rev 8/12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com