Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1685 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1685
Description  3V/5V Real-Time Clocks
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1685 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1685 Datasheet HTML 9Page - Maxim Integrated Products DS1685 Datasheet HTML 10Page - Maxim Integrated Products DS1685 Datasheet HTML 11Page - Maxim Integrated Products DS1685 Datasheet HTML 12Page - Maxim Integrated Products DS1685 Datasheet HTML 13Page - Maxim Integrated Products DS1685 Datasheet HTML 14Page - Maxim Integrated Products DS1685 Datasheet HTML 15Page - Maxim Integrated Products DS1685 Datasheet HTML 16Page - Maxim Integrated Products DS1685 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
13 of 33
Register C (0Ch)
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
IQRF
PF
AF
UF
0
0
0
0
IRQF – The interrupt-request flag (IRQF) bit is set to a 1 when one or more of the following are true:
PF = PIE = 1
WF = WIE = 1
AF = AIE = 1
KF = KSE = 1
UF = UIE = 1
RF = RIE = 1
Any time the IRQF bit is a 1, the
IRQ pin is driven low. Flag bits PF, AF, and UF are cleared after Register C is read
by the program.
PF – The periodic-interrupt flag (PF) is a read-only bit that is set to a 1 when an edge is detected on the selected
tap of the divider chain. The RS3–RS0 bits establish the periodic rate. PF is set to a 1 independently of the state of
the PIE bit. When both PF and PIE are 1’s, the
IRQ signal is active and sets the IRQF bit. This bit may be cleared
by reading Register C.
AF – A 1 in the alarm-interrupt flag (AF) bit indicates that the current time has matched the alarm time. If the AIE bit
is also a 1, the
IRQ pin goes low and a 1 appears in the IRQF bit. This bit may be cleared by reading Register C.
UF – The update-ended interrupt flag (UF) bit is set after each update cycle. When the UIE bit is set to 1, the one in
UF causes the IRQF bit to be a 1, which asserts the
IRQ pin. This bit may be cleared by reading Register C.
BIT 3, BIT2, BIT 1, BIT 0 - These are unused bits of the status Register C. These bits always read 0 and cannot be
written.
Register D (0Dh)
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
VRT
0
0
0
0
0
0
0
VRT – The valid RAM and time (VRT) bit indicates the condition of the battery connected to the VBAT pin or the
battery connected to VBAUX, whichever is at a higher voltage. This bit is not writable and should always be a 1 when
read. If a 0 is ever present, an exhausted lithium energy source is indicated and both the contents of the RTC data
and RAM data are questionable.
BIT 6, BIT 5, BIT 4, BIT 3, BIT 2, BIT 1, BIT 0 – The remaining bits of Register D are not usable. They cannot be
written and when read will always read 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com