Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1961S Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1961S
Description  1kb Protected EEPROM iButton With SHA-1 Engine
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1961S Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1961S Datasheet HTML 9Page - Dallas Semiconductor DS1961S Datasheet HTML 10Page - Dallas Semiconductor DS1961S Datasheet HTML 11Page - Dallas Semiconductor DS1961S Datasheet HTML 12Page - Dallas Semiconductor DS1961S Datasheet HTML 13Page - Dallas Semiconductor DS1961S Datasheet HTML 14Page - Dallas Semiconductor DS1961S Datasheet HTML 15Page - Dallas Semiconductor DS1961S Datasheet HTML 16Page - Dallas Semiconductor DS1961S Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
DS1961S
13 of 36
Figure 7-4. MEMORY AND SHA FUNCTIONS FLOW CHART (continued)
33h
Compute Next
Secret ?
Y
N
* 1-Wire Idle High for Power
Note: The Master Must First
Load the Scratchpad With a
Partial Secret of 8 Bytes
From Figure 7
3rd Part
To Figure 7
3rd Part
From Figure 7
5th Part
To Figure 7
5th Part
Valid Data
Address ?
Y
Bus Master
RX “1”s
Master
TX Reset ?
Y
N
N
N
SHA Engine Computes Message
Authentication Code of Current
Secret, Page Data, and 8 Byte
Partial Secret in Scratchpad
DS1961S Copies a Partial
MAC to the Secret Register
Master
TX Reset ?
Master
TX Reset ?
Y
N
DS1961S TX “1”
DS1961S TX “0”
N
Y
DS1961S Fills Scratchpad With AAh
*
*
Write-
Protected ?
Y
Bus Master TX
TA1 (T7:T0), TA2 (T15:T8)
DS1961S Sets EN LFS = 0
Duration: tCSHA
Duration: tPROG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com