Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1961S Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS1961S
Description  1kb Protected EEPROM iButton With SHA-1 Engine
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1961S Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS1961S Datasheet HTML 17Page - Dallas Semiconductor DS1961S Datasheet HTML 18Page - Dallas Semiconductor DS1961S Datasheet HTML 19Page - Dallas Semiconductor DS1961S Datasheet HTML 20Page - Dallas Semiconductor DS1961S Datasheet HTML 21Page - Dallas Semiconductor DS1961S Datasheet HTML 22Page - Dallas Semiconductor DS1961S Datasheet HTML 23Page - Dallas Semiconductor DS1961S Datasheet HTML 24Page - Dallas Semiconductor DS1961S Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
DS1961S
21 of 36
required. For practical use of the DS1961S as a monetary token, partial secrets are more critical than
being able to write-protect the secret or other areas of the device.
Table 3b. SHA-1 INPUT DATA FOR COPY SCRATCHPAD COMMAND WHEN
COPYING TO THE REGISTER PAGE OR SECRET
M0[31:24] = (SS + 0)
M0[23:16] = (SS + 1)
M0[15:8] = (SS + 2)
M0[7:0] = (SS + 3)
M1[31:24] = (SS + 0)
M1[23:16] = (SS + 1)
M1[15:8] = (SS + 2)
M1[7:0] = (SS + 3)
M2[31:24] = (SS + 4)
M2[23:16] = (SS + 5)
M2[15:8] = (SS + 6)
M2[7:0] = (SS + 7)
M3[31:24] = (RP + 0)
M3[23:16] = (RP + 1)
M3[15:8] = (RP + 2)
M3[7:0] = (RP + 3)
M4[31:24] = (RP + 4)
M4[23:16] = (RP + 5)
M4[15:8] = (RP + 6)
M4[7:0] = (RP + 7)
M5[31:24] = (ID + 0)
M5[23:16] = (ID + 1)
M5[15:8] = (ID + 2)
M5[7:0] = (ID + 3)
M6[31:24] = (ID + 4)
M6[23:16] = (ID + 5)
M6[15:8] = (ID + 6)
M6[7:0] = (ID + 7)
M7[31:24] = FFh
M7[23:16] = FFh
M7[15:8] = FFh
M7[7:0] = FFh
M8[31:24] = (SP + 0)
M8[23:16] = (SP + 1)
M8[15:8] = (SP + 2)
M8[7:0] = (SP + 3)
M9[31:24] = (SP + 4)
M9[23:16] = (SP + 5)
M9[15:8] = (SP + 6)
M9[7:0] = (SP + 7)
M10[31:24] = MP
M10[23:16] = (ID + 0) M10[15:8] = (ID + 1)
M10[7:0] = (ID + 2)
M11[31:24] = (ID + 3) M11[23:16] = (ID + 4) M11[15:8] = (ID + 5)
M11[7:0] = (ID + 6)
M12[31:24] = (SS + 4) M12[23:16] = (SS + 5) M12[15:8] = (SS + 6)
M12[7:0] = (SS + 7)
M13[31:24] = FFh
M13[23:16] = FFh
M13[15:8] = FFh
M13[7:0] = 80h
M14[31:24] = 00h
M14[23:16] = 00h
M14[15:8] = 00h
M14[7:0] = 00h
M15[31:24] = 00h
M15[23:16] = 00h
M15[15:8] = 01h
M15[7:0] = B8h
Legend
Mt
Input Buffer of SHA Engine
0
£ t £ 15; 32-Bit Words
(SS + N)
Byte N of Secret; Secret Begins at Address 0080h
(see Memory Map)
(RP + N) Byte N of Register Page; Page Begins at 0088h
(see Memory Map)
(SP + N) Byte N of Scratchpad
MP
MP[7:0] = 04h
(ID + N)
Byte N of Identity Register
Read Authenticated Page [A5h]
The read authenticated page command provides the master with the data of a full or partial memory page
plus a MAC. The MAC allows the master to determine whether the secret stored in the DS1961S is valid
within the application. The DS1961S computes the MAC from its secret, all the data of the selected
memory page, the first seven bytes of the identity register and a 3-byte challenge, which the master
should write to the scratchpad prior to issuing the read authenticated page command. To do this, the
master can use the write scratchpad command with any target address within the data memory. The
relevant portions of the challenge are the 5th, 6th, and 7th bytes. Alternatively, the master can accept the
data that happens to reside in the scratchpad from a previous command as a challenge. The 160-bit MAC
is transmitted in the same way as with the copy scratchpad command, Table 2, but the data flows from the
DS1961S to the master. The data input to the SHA engine as it applies to the read authenticated page
command is shown in Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com