Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6032IM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6032IM
Description  CMOS Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6032IM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC6032IM Datasheet HTML 1Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 2Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 3Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 4Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 5Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 6Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 7Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 8Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. Boldface limits apply at the temperature extremes. V
+ = 5V,
V
− = GND = 0V, V
CM = 1.5V, VOUT = 2.5V and RL > 1M unless otherwise specified.
Symbol
Parameter
Conditions
Typical
(Note 5)
LMC6032I
Units
Limit
(Note 6)
V
O
Output Voltage Swing
V
+ = 5V
4.87
4.20
V
R
L = 2kΩ to 2.5V
4.00
min
0.10
0.25
V
0.35
max
V
+ = 5V
4.61
4.00
V
R
L = 600Ω to 2.5V
3.80
min
0.30
0.63
V
0.75
max
V
+ = 15V
14.63
13.50
V
R
L = 2kΩ to 7.5V
13.00
min
0.26
0.45
V
0.55
max
V
+ = 15V
13.90
12.50
V
R
L = 600Ω to 7.5V
12.00
min
0.79
1.45
V
1.75
max
I
O
Output Current
V
+ = 5V
22
13
mA
Sourcing, V
O = 0V
9
min
Sinking, V
O = 5V
21
13
mA
9
min
V
+ = 15V
40
23
mA
Sourcing, V
O = 0V
15
min
Sinking, V
O = 13V
39
23
mA
(Note 10)
15
min
I
S
Supply Current
Both Amplifiers
0.75
1.6
mA
V
O = 1.5V
1.9
max
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com