Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6032IM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6032IM
Description  CMOS Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6032IM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC6032IM Datasheet HTML 1Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 2Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 3Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 4Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 5Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 6Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 7Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 8Page - National Semiconductor (TI) LMC6032IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LMC6032
CMOS Dual Operational Amplifier
General Description
The LMC6032 is a CMOS dual operational amplifier which
can operate from either a single supply or dual supplies. Its
performance features include an input common-mode range
that reaches ground, low input bias current, and high voltage
gain into realistic loads, such as 2 k
Ω and 600Ω.
This chip is built with National’s advanced Double-Poly
Silicon-Gate CMOS process.
See the LMC6034 datasheet for a CMOS quad operational
amplifier with these same features. For higher performance
characteristics refer to the LMC662.
Features
n Specified for 2 k
Ω and 600Ω loads
n High voltage gain:
126 dB
n Low offset voltage drift:
2.3 µV/˚C
n Ultra low input bias current:
40 fA
n Input common-mode range includes V
−
n Operating range from +5V to +15V supply
n ISS = 400 µA/amplifier; independent of V
+
n Low distortion:
0.01% at 10 kHz
n Slew rate:
1.1 V/µs
n Improved performance over TLC272
Applications
n High-impedance buffer or preamplifier
n Current-to-voltage converter
n Long-term integrator
n Sample-and-hold circuit
n Medical instrumentation
Connection Diagram
Ordering Information
Temperature Range
Package
NSC Drawing
Transport Media
Industrial
−40˚C
≤ T
J ≤ +85˚C
LMC6032IN
8-Pin
N08E
Rail
Molded DIP
LMC6032IM
8-Pin
M08A
Rail
Small Outline
Tape and Reel
8-Pin DIP/SO
DS011135-1
Top View
November 1994
© 1999 National Semiconductor Corporation
DS011135
www.national.com


Similar Part No. - LMC6032IM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6032IM TI1-LMC6032IM Datasheet
1Mb / 25P
CMOS Dual Operational Amplifier
LMC6032IM/NOPB TI1-LMC6032IM/NOPB Datasheet
1Mb / 25P
CMOS Dual Operational Amplifier
LMC6032IMX TI1-LMC6032IMX Datasheet
1Mb / 25P
CMOS Dual Operational Amplifier
LMC6032IMX/NOPB TI1-LMC6032IMX/NOPB Datasheet
1Mb / 25P
CMOS Dual Operational Amplifier
More results

Similar Description - LMC6032IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC662 NSC-LMC662 Datasheet
430Kb / 13P
CMOS Dual Operational Amplifier
logo
ELM Technology Corporat...
ELM854AA-S ELM-TECH-ELM854AA-S Datasheet
206Kb / 9P
CMOS Dual operational amplifier
logo
Texas Instruments
LMC662AIMX TI1-LMC662AIMX Datasheet
1Mb / 23P
LMC662 CMOS Dual Operational Amplifier
logo
ELM Electronics
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
CMOS Dual operational amplifier
logo
Texas Instruments
LMC6032 TI1-LMC6032 Datasheet
1Mb / 25P
CMOS Dual Operational Amplifier
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
CMOS Dual operational amplifier
logo
Renesas Technology Corp
READ2352J RENESAS-READ2352J Datasheet
611Kb / 9P
CMOS Dual Operational Amplifier
READ2351J RENESAS-READ2351J Datasheet
610Kb / 8P
CMOS Dual Operational Amplifier
READ2302G RENESAS-READ2302G Datasheet
634Kb / 9P
CMOS Dual Operational Amplifier
READ2301G RENESAS-READ2301G Datasheet
633Kb / 8P
CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com