Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB03 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EB03
Description  TRIPLE INDEPENDENT LOGIC INTERFACED HALF BRIDGES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EB03 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EB03 Datasheet HTML 1Page - List of Unclassifed Manufacturers EB03 Datasheet HTML 2Page - List of Unclassifed Manufacturers EB03 Datasheet HTML 3Page - List of Unclassifed Manufacturers EB03 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
• COMPATIBLE WITH PWM FREQUENCIES UP TO 50KHZ
• 10V TO 200V MOTOR SUPPLY
• 5A CONTINUOUS OUTPUT CURRENT
• HCMOS COMPATIBLE SCHMITT TRIGGER LOGIC INPUTS
• SEPARATE SOURCE OUTPUTS FOR NEGATIVE RAIL
CURRENT SENSE
• SLEEP MODE
• WIDE RANGE FOR GATE DRIVE AND LOGIC SUPPLIES
APPLICATIONS
HIGH POWER CIRCUITS FOR DIGITAL CONTROL OF:
• THREE AXIS MOTION USING BRUSH TYPE MOTORS
• THREE PHASE BRUSHLESS DC MOTOR DRIVE
• THREE PHASE AC MOTOR DRIVE
• THREE PHASE HIGH POWER MICROSTEPPING STEP
MOTORS
DESCRIPTION
The EB03 consists of three independent FET half
bridges with drivers. The drivers may be interfaced with
CMOS or HCMOS level logic.
FEATURES
HTTP://WWW.APEXMICROTECH.COM
(800) 546-APEX
(800) 546-2739
MICROTECHNOLOGY
TRIPLE INDEPENDENT LOGIC INTERFACED HALF BRIDGES
EBO3
FIGURE 1. BLOCK DIAGRAM
Half
Bridge
Driver
Half
Bridge
Driver
Half
Bridge
Driver
FET
Half
Bridge
Output
FET
Half
Bridge
Output
FET
Half
Bridge
Output
12
11
1
2
3
4
5
6
7
8
9
10
14
15
16
17
18
19
20
21
22
23
24
Hin 1
13
HV1
OUT1
SD
S1
Lin 1
HVRTN1
Hin 2
HV2
OUT2
S2
HVRTN2
Lin2
HV3
OUT3
S3
HVRTN3
Hin3
Lin 3
V 1
cc
V 2
cc
V 3
cc
Vdd,Logic Supply
Vss,Logic Ground


Similar Part No. - EB03

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB000CK310CB0W VISHAY-EB000CK310CB0W Datasheet
96Kb / 7P
Aluminum Capacitors Axial Capacitors Style
13-Apr-12
EB000DL322CB0W VISHAY-EB000DL322CB0W Datasheet
96Kb / 7P
Aluminum Capacitors Axial Capacitors Style
13-Apr-12
EB000FL322DB0W VISHAY-EB000FL322DB0W Datasheet
96Kb / 7P
Aluminum Capacitors Axial Capacitors Style
13-Apr-12
EB000FL347BB0W VISHAY-EB000FL347BB0W Datasheet
96Kb / 7P
Aluminum Capacitors Axial Capacitors Style
13-Apr-12
EB000GD410BB0W VISHAY-EB000GD410BB0W Datasheet
96Kb / 7P
Aluminum Capacitors Axial Capacitors Style
13-Apr-12
More results

Similar Description - EB03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EB01 ETC-EB01 Datasheet
100Kb / 4P
TRIPLE INDEPENDENT LOGIC INTERFACED HALF BRIDGES
EBO2 ETC1-EBO2 Datasheet
101Kb / 4P
TRIPLE INDEPENDENT LOGIC INTERFACED HALF BRIDGES
logo
Rhombus Industries Inc.
FAMDL-4 RHOMBUS-IND-FAMDL-4 Datasheet
45Kb / 1P
Logic Buffered Single - Dual - Triple Independent Delay Modules
logo
Powersem GmbH
PSBH50 POWERSEM-PSBH50 Datasheet
182Kb / 3P
Single Phase Half Controlled Bridges
PSBZ50 POWERSEM-PSBZ50 Datasheet
182Kb / 3P
Single Phase Half Controlled Bridges
PSBZ75 POWERSEM-PSBZ75 Datasheet
203Kb / 3P
Single Phase Half Controlled Bridges
PSBZ125 POWERSEM-PSBZ125 Datasheet
209Kb / 3P
Single Phase Half Controlled Bridges
PSDH110 POWERSEM-PSDH110 Datasheet
183Kb / 3P
Three Phase Half Controlled Bridges
logo
Infineon Technologies A...
TLE6208-3G INFINEON-TLE6208-3G_07 Datasheet
415Kb / 22P
Triple Half Bridges Optimized for DC motor management applications
2007-09-12
logo
Inchange Semiconductor ...
PSDH175 ISC-PSDH175 Datasheet
340Kb / 3P
Three Phase Half Controlled Bridges
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com