Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB03 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EB03
Description  TRIPLE INDEPENDENT LOGIC INTERFACED HALF BRIDGES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EB03 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EB03 Datasheet HTML 1Page - List of Unclassifed Manufacturers EB03 Datasheet HTML 2Page - List of Unclassifed Manufacturers EB03 Datasheet HTML 3Page - List of Unclassifed Manufacturers EB03 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
MOTOR VOLTAGE SUPPLY, HV
200V
OUTPUT CURRENT, peak
10A
OUTPUT CURRENT, continuous1
5A
GATE SUPPLY VOLTAGE, Vcc
20V
LOGIC SUPPLY VOLTAGE, Vdd
20V
POWER DISSIPATION, internal1
40W
LOGIC INPUT VOLTAGE
-0.3V to Vdd + 0.3V
THERMAL RESISTANCE TO CASE3
2.1°C/Watt
TEMPERATURE, pin solder, 10s
300°C
TEMPERATURE, junction2
150°C
TEMPERATURE RANGE, storage
–55 to +150°C
OPERATING TEMPERATURE, case
–25 to +85°C
EB03
SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POSITIVE OUTPUT VOLTAGE
IOUT=5A; Vcc=10.8V, Vdd=5V;
198.1
201.9
Volts
HV=100V, Fpwm=50kHz, L=100 µH
NEGATIVE OUTPUT VOLTAGE
"
-1.7
1.9
Volts
POSITIVE EDGE DELAY
"
310
n-second
RISETIME
"
50
n-second
NEGATIVE EDGE DELAY
"
290
n-second
FALLTIME
"
50
n-second
PWM FREQUENCY
Set by external circuitry
50
kHz
INPUT IMPEDANCE
Set by internal resistors
50
k-ohm
INPUT
A logic level input independently controls each FET in
the half bridge. A logic level high turns on the FET and
low turns it off. A common shut down input turns off all
FETs when high.
All inputs are Schmitt triggers with the upper threshold at
2/3 Vdd and the lower threshold at 1/3 Vdd. This comfortably
interfaces with CMOS or HCMOS provided that the Vdd for
the logic family and the EB03 are the same.
TTL families may be used if a pull-up to Vcc is added to
the TTL gates driving the EB03, and Vdd for the EB03 is the
same supply as Vcc for the TTL family.
An open signal connector pulls the shut down input high
and all other inputs low, insuring that all outputs are off.
However, input impedance is 50k on all inputs; therefore if
one input is open circuited a high radiated noise level could
spuriously turn on a FET.
OUTPUT
Each output section consists of a switching mode FET half
bridge. Separate HV supply, emitter, and HV return lines are
provided for each section.
The FETs are conservatively rated to carry 5A. At 5A the
saturation voltage is 1.9V maximum.
Each FET has an intrinsic diode connected in anti-parallel.
When switching an inductive load this diode will conduct, and
the drop at 5A will be 1.9V maximum.
INPUT AND OUTPUT SIGNALS
NOTES: 1.
Over Entire Environmental Range.
2.
Long term operation at the maximum junction temperature will result in reduced product life. Lower internal temperature by
reducing internal dissipation or using better heatsinking to achieve high MTTF.
3.
Each FET.
PIN
SYMBOL
FUNCTION
PIN
SYMBOL
FUNCTION
1
Vcc3
Gate supply 3
13
HV1
High Voltage supply 1
2
Lin3
Low drive logic in 3
14
OUT1
Section 1 output
3
Hin3
High drive logic in 3
15
S1
Section 1 source
4
Vdd
Logic supply
16
HVRTN1
Section 1 return
5
Vcc2
Gate supply 2
17
HV2
High voltage supply 2
6
Lin2
Low drive logic in 2
18
OUT 2
Section 2 output
7
Vss
Signal ground
19
S2
Section 2 source
8
Hin2
High drive logic in 2
20
HVRTN2
Section 2 return
9
Vcc1
Gate supply 1
21
HV3
High voltage supply 3
10
Lin1
Low drive logic in 1
22
OUT 3
Section 3 output
11
SD
Shut down logic in
23
S3
Section 3 source
12
Hin1
High drive logic in 1
24
HVRTN 3
Section 3 return



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com