Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FES26C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FES26C
Description  1 Amp. Surface Mounted Very Fast Soft Recovery Glass Passivated Avalanche Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FES26C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FES26C Datasheet HTML 1Page - List of Unclassifed Manufacturers FES26C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
FES26A ...... FES26C
1 Amp. Surface Mounted Very Fast Soft Recovery Glass Passivated Avalanche Diode
• Glass Passivated Junction
• High current capability
• The plastic material carries U/L 94 V-0
• Low profile package.
• Easy pick and place.
• High temperature soldering 260 ºC 10 sec.
Dimensions in mm.
CASE:
SMA/DO-214AC
Maximum Ratings, according to IEC publication No. 134
Electrical Characteristics at Tamb = 25 °C
V
F
Max. forward voltage drop at I
F = 1 A
I
R
5 µA
100 µA
Max. reverse current at V
RRM
R
thj-l
R
thj-a
Typical thermal resistance
(5 x 5 mm2 x 130 µm Copper Area)
27 °C/W
75 °C/W
Voltage
200 to 600 V.
Current
1.0 A at 55 ºC.
at 25 ºC
at 100 ºC
at 25 ºC
at 150 ºC
2.5 V
1.3 V
MECHANICAL DATA
Terminals: Solder plated, solderable per IEC 68-2-20.
Standard Packaging: 4 mm. tape (EIA-RS-481).
Weight: 0.064 g.
200
140
200
Peak Recurrent reverse voltage (V)
Maximum RMS voltage
Maximum DC blocking voltage
Forward current at Tamb = 55 °C
Recurrent peak forward current
10 ms. peak forward surge current
V
RRM
VRMS
VDC
I
F(AV)
I
FRM
I
FSM
T
j
T
stg
Operating temperature range
Storage temperature range
– 55 to + 150 °C
– 55 to + 150 °C
t
rr
Max. reverse recovery time from
I
F = 0.5 A ; IR = 1 A ; IRR = 0.25 A
V
BR
Avalanche breakdown voltage at 100 µ A (V)
>700
E
RSM
Maximum non repetitive peak
reverse avalanche energy.
IR = 1A ; TJ = 25 ºC
10 mJ
30 ns
>300
>500
1 A
10 A
30 A
(Jedec Method)
400
280
400
600
420
600
Marking Code
Jun - 03
2.0
4.2
Standard soldering pad
1.25 ± 0.25
5.1 ± 0.3
1.25 ± 0.25
Year code
FES26A
FES26B
FES26C
E1
E2
E3
Week code
Type No. Closs


Similar Part No. - FES26C

ManufacturerPart #DatasheetDescription
logo
Power-One
FES200ZE-A POWER-ONE-FES200ZE-A Datasheet
1Mb / 3P
300 WATT
FES200ZG-A POWER-ONE-FES200ZG-A Datasheet
1Mb / 3P
300 WATT
logo
List of Unclassifed Man...
FES2A ETC1-FES2A Datasheet
51Kb / 2P
2 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
FES2B ETC1-FES2B Datasheet
51Kb / 2P
2 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
FES2D ETC1-FES2D Datasheet
51Kb / 2P
2 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
More results

Similar Description - FES26C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EGP10A ETC-EGP10A Datasheet
38Kb / 2P
1 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
FRS3A ETC-FRS3A Datasheet
49Kb / 2P
3 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
FRS2A ETC1-FRS2A Datasheet
48Kb / 2P
1.5 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
FRS1A ETC1-FRS1A Datasheet
51Kb / 2P
1 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier
FESIA ETC-FESIA Datasheet
51Kb / 2P
1 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
logo
SynSemi, Inc.
BYV36A SYNSEMI-BYV36A Datasheet
39Kb / 2P
VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
logo
Shanghai Lunsure Electr...
1N4937GP CHENYI-1N4937GP Datasheet
144Kb / 3P
1 Amp Glass Passivated Fast Recovery Rectifier
logo
Shenzhen Ping Sheng Ele...
BYV26 PFS-BYV26 Datasheet
242Kb / 3P
Very Fast Soft-Recovery Avalanche Rectifier
logo
EIC discrete Semiconduc...
BYV36A EIC-BYV36A Datasheet
56Kb / 2P
VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com