Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J5027-R Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # J5027-R
Description  High Voltage and High Reliability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

J5027-R Datasheet(HTML) 3 Page - Fairchild Semiconductor

  J5027-R Datasheet HTML 1Page - Fairchild Semiconductor J5027-R Datasheet HTML 2Page - Fairchild Semiconductor J5027-R Datasheet HTML 3Page - Fairchild Semiconductor J5027-R Datasheet HTML 4Page - Fairchild Semiconductor J5027-R Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, December 2003
Typical Characteristics (Continued)
Figure 7. Resistive Load Switching Characteristics
Figure 8. Power Derating
0.1
1
10
0.01
0.1
1
10
I
B1=45mA, IB2=-0.5A
V
CC=125V
I
C [A], COLLECTOR CURRENT
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
TC[
o
C], CASE TEMPERATURE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com