Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J5027-R Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # J5027-R
Description  High Voltage and High Reliability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

J5027-R Datasheet(HTML) 2 Page - Fairchild Semiconductor

  J5027-R Datasheet HTML 1Page - Fairchild Semiconductor J5027-R Datasheet HTML 2Page - Fairchild Semiconductor J5027-R Datasheet HTML 3Page - Fairchild Semiconductor J5027-R Datasheet HTML 4Page - Fairchild Semiconductor J5027-R Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, December 2003
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Switching Time
Figure 6. Safe Operating Area
012
34
5678
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I
B = 350mA
I
B
= 150mA
I
B = 100mA
I
B = 50mA
V
CE [V], COLLECTOR-EMITTER VOLTAGE
0.01
0.1
1
10
1
10
100
V
CE = 5 V
T
C = 75
o
C
T
C = 25
o
C
T
C = 125
o
C
T
C = - 25
o
C
I
C [A], COLLECTOR CURRENT
0.1
1
10
0.01
0.1
1
10
100
T
C = 125
o
C
T
C = 75
o
C
T
C = 25
o
C
I
C = 5 IB
T
C = - 25
o
C
I
C [A], COLLECTOR CURRENT
0.1
1
10
0.1
1
10
T
C = 75
o
C
T
C = 25
o
C
T
C = - 25
o
C
T
C = 125
o
C
I
C = 5 IB
I
C [A], COLLECTOR CURRENT
10
100
1000
1
10
I
B1=3A, RB2=0
L=1mH, V
CC=20V
V
CE [V], COLLECTOR-EMITTER VOLTAGE
1
10
100
1000
10000
1E-3
0.01
0.1
1
10
100
100
µs
1ms
10ms
DC
I
CMAX.(Pulse)
I
CMAX(Continuous)
V
CE[V], COLLECTOR-EMITTER VOLTAGE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com