Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6044IM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6044IM
Description  CMOS Quad Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6044IM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC6044IM Datasheet HTML 1Page - National Semiconductor (TI) LMC6044IM Datasheet HTML 2Page - National Semiconductor (TI) LMC6044IM Datasheet HTML 3Page - National Semiconductor (TI) LMC6044IM Datasheet HTML 4Page - National Semiconductor (TI) LMC6044IM Datasheet HTML 5Page - National Semiconductor (TI) LMC6044IM Datasheet HTML 6Page - National Semiconductor (TI) LMC6044IM Datasheet HTML 7Page - National Semiconductor (TI) LMC6044IM Datasheet HTML 8Page - National Semiconductor (TI) LMC6044IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
A = TJ = 25˚C. Boldface limits apply at the temperature extremes. V
+ =
5V, V
− = 0V, V
CM = 1.5V, VO = V
+/2, and R
L > 1M unless otherwise specified.
Typical
LMC6044AI
LMC6044I
Units
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
(Limit)
(Note 6)
(Note 6)
V
O
Output Swing
V
+ = 5V
4.987
4.970
4.940
V
R
L = 100 kΩ to 2.5V
4.950
4.910
min
0.004
0.030
0.060
V
0.050
0.090
max
V
+ = 5V
4.980
4.920
4.870
V
R
L = 25 kΩ to 2.5V
4.870
4.820
min
0.010
0.080
0.130
V
0.130
0.180
max
V
+ = 15V
14.970
14.920
14.880
V
R
L = 100 kΩ to V
+/2
14.880
14.820
min
0.007
0.030
0.060
V
0.050
0.090
max
V
+ = 15V
14.950
14.900
14.850
V
R
L = 25 kΩ to V
+/2
14.850
14.800
min
0.022
0.100
0.150
V
0.150
0.200
max
I
SC
Output Current
Sourcing, V
O = 0V
22
16
13
mA
V
+ = 5V
10
8
min
Sinking, V
O = 5V
21
16
13
mA
88
min
I
SC
Output Current
Sourcing, V
O = 0V
40
15
15
mA
V
+ = 15V
10
10
min
Sinking, V
O = 13V
39
24
21
mA
(Note 12)
88
min
I
S
Supply Current
Four Amplifiers
40
65
75
µA
V
O = 1.5V
72
82
max
Four Amplifiers
52
85
98
µA
V
+ = 15V
94
107
max
AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
A = TJ = 25˚C. Boldface limits apply at the temperature extremes. V
+ =
5V, V
− = 0V, V
CM = 1.5V, VO = V
+/2, and R
L > 1M unless otherwise specified.
Typical
LMC6044AI
LMC6044I
Units
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
(Limit)
(Note 6)
(Note 6)
SR
Slew Rate
(Note 8)
0.02
0.015
0.010
V/µs
0.010
0.007
min
GBW
Gain-Bandwidth Product
0.10
MHz
φ
m
Phase Margin
60
Deg
Amp-to-Amp Isolation
(Note 9)
115
dB
e
n
Input-Referred
F = 1 kHz
83
nV/
√Hz
Voltage Noise
i
n
Input-Referred
F = 1 kHz
0.0002
pA/
√Hz
Current Noise
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com