Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6044IM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6044IM
Description  CMOS Quad Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6044IM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC6044IM Datasheet HTML 1Page - National Semiconductor (TI) LMC6044IM Datasheet HTML 2Page - National Semiconductor (TI) LMC6044IM Datasheet HTML 3Page - National Semiconductor (TI) LMC6044IM Datasheet HTML 4Page - National Semiconductor (TI) LMC6044IM Datasheet HTML 5Page - National Semiconductor (TI) LMC6044IM Datasheet HTML 6Page - National Semiconductor (TI) LMC6044IM Datasheet HTML 7Page - National Semiconductor (TI) LMC6044IM Datasheet HTML 8Page - National Semiconductor (TI) LMC6044IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
A = TJ = 25˚C. Boldface limits apply at the temperature extremes. V
+ =
5V, V
− = 0V, V
CM = 1.5V, VO = V
+/2, and R
L > 1M unless otherwise specified.
Typical
LMC6044AI
LMC6044I
Units
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
(Limit)
(Note 6)
(Note 6)
T.H.D.
Total Harmonic
F = 1 kHz, A
V = −5
Distortion
R
L = 100 kΩ,VO = 2Vpp
0.01
%
±5V Supply
Note 1: Absolute Maximum Ratings indicate limts beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The
guaranteed specifications apply only for the test conditions listed.
Note 2: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 110˚C. Output currents in excess of ±30 mA over long term may adversely affect reliability.
Note 3: The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(max)
−TA)/θJA.
Note 4: Human body model, 1.5 k
Ω in series with 100 pF.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed at room temperature (standard type face) or at operating temperature extremes (bold face type).
Note 7: V+ = 15V, VCM = 7.5V and RL connected to 7.5V. For Sourcing tests, 7.5V ≤ VO ≤ 11.5V. For Sinking tests, 2.5V ≤ VO ≤ 7.5V.
Note 8: V+ = 15V. Connected as Voltage Follower with 10V step input. Number specified in the slower of the positive and negative slew rates.
Note 9: Input referred V+ = 15V and RL = 100 kΩ connected to V
+/2. Each amp excited in turn with 100 Hz to produce V
O = 12 VPP.
Note 10: For operating at elevated temperatures, the device must be derated based on the thermal resistance
θJA with PD = (TJ −TA)/θJA.
Note 11: All numbers apply for packages soldered directly into a PC poard.
Note 12: Do not connect output to V+ when V+ is greater than 13V or reliability may be adversely affected.
Typical Performance Characteristics V
S = ±7.5V, TA = 25˚C unless otherwise specified
Supply Current vs
Supply Voltage
DS011138-19
Offset Voltage vs
Temperature of Five
Representative Units
DS011138-20
Input Bias Current
vs Temperature
DS011138-21
Input Bias Current vs
Input Common-Mode
Voltage
DS011138-22
Input Common-Mode
Voltage Range vs
Temperature
DS011138-23
Output Characteristics
Current Sinking
DS011138-24
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com