Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC03-CS Datasheet(PDF) 5 Page - Vishay Siliconix

Part # AC03-CS
Description  Axial Cemented Fusible Wirewound Safety Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AC03-CS Datasheet(HTML) 5 Page - Vishay Siliconix

  AC03-CS Datasheet HTML 1Page - Vishay Siliconix AC03-CS Datasheet HTML 2Page - Vishay Siliconix AC03-CS Datasheet HTML 3Page - Vishay Siliconix AC03-CS Datasheet HTML 4Page - Vishay Siliconix AC03-CS Datasheet HTML 5Page - Vishay Siliconix AC03-CS Datasheet HTML 6Page - Vishay Siliconix AC03-CS Datasheet HTML 7Page - Vishay Siliconix AC03-CS Datasheet HTML 8Page - Vishay Siliconix AC03-CS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AC01-CS, AC03-CS, AC05-CS
www.vishay.com
Vishay Draloric
Revision: 12-Jul-16
5
Document Number: 28909
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
Pulse energy curve defined against the offered ohmic range.
0
102030405060708090
100
PULSE ENERGY CURVE FOR AC01-CS
(1.2 / 50 μs; 10 pulses at 30 s interval)
RESISTANCE VALUE IN
Ω
7
6
5
4
3
2
1
8
5
10
15
20
25
30
0
102030405060708090
100
PULSE ENERGY CURVE FOR AC03-CS
(1.2 / 50 μs; 10 pulses at 30 s interval)
RESISTANCE VALUE IN
Ω
RESISTANCE VALUE (
Ω)
0
10
20
30
40
50
60
10
100
33
39
47
56
62
68
75
82
91
22
PULSE ENERGY CURVE FOR AC05-CS
(1.2 / 50 μs; 10 pulses at 30 s interval)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com