Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC03-CS Datasheet(PDF) 7 Page - Vishay Siliconix

Part # AC03-CS
Description  Axial Cemented Fusible Wirewound Safety Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AC03-CS Datasheet(HTML) 7 Page - Vishay Siliconix

  AC03-CS Datasheet HTML 1Page - Vishay Siliconix AC03-CS Datasheet HTML 2Page - Vishay Siliconix AC03-CS Datasheet HTML 3Page - Vishay Siliconix AC03-CS Datasheet HTML 4Page - Vishay Siliconix AC03-CS Datasheet HTML 5Page - Vishay Siliconix AC03-CS Datasheet HTML 6Page - Vishay Siliconix AC03-CS Datasheet HTML 7Page - Vishay Siliconix AC03-CS Datasheet HTML 8Page - Vishay Siliconix AC03-CS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AC01-CS, AC03-CS, AC05-CS
www.vishay.com
Vishay Draloric
Revision: 12-Jul-16
7
Document Number: 28909
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TESTS PROCEDURES AND REQUIREMENTS
All tests are carried out in accordance with the following
specifications:
• IEC 60115-1, generic specification (includes tests)
The test and requirements table contains only the most
important tests. For the full test schedule refer to the
documents above.
The tests are carried out in accordance with IEC 60068-2-xx
test method and under standard atmospheric conditions in
accordance with IEC 60068-1, 5.3.
Climatic category -40 / 200 / 56 (rated temperature range:
lower category temperature, upper category temperature;
damp heat, steady state, test duration: 56 days) is valid.
Unless otherwise specified the following values apply:
• Temperature: 15 °C to 35 °C
• Relative humidity: 45 % to 75 %
• Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar)
For performing some of the tests, the components are
mounted on a test board in accordance with IEC 60115-1,
4.31.
In test table below, only the relevant and commonly referred
tests
and
related
clauses
of
IEC
60115-1
and
IEC 60068-2-xx test methods are mentioned.
TEST PROCEDURES AND REQUIREMENTS
IEC 60115-1
CLAUSE
IEC 60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R
MAX.)
4.13
-
Short time overload
Room temperature;
10x rated power P40;
5 s
± (2 % R + 0.1
)
4.16
21 (Ua1)
21 (Ub)
21 (Uc)
Robustness of
terminations
Tensile, bending and torsion
No damage
± (0.5 % R + 0.05
)
4.18
20 (Tb)
Resistance to
soldering heat
Unmounted components
(260 ± 5) °C; (10 ± 1) s
± (0.5 % R + 0.05
)
4.23
Climatic sequence:
4.23.2
2 (Ba)
Dry heat
16 h; 200 °C
± (1 % R + 0.05
)
4.23.3
30 (Db)
Damp heat
(accelerated)
1st cycle
24 h; 55 °C;
90 % to 100 % RH
4.23.4
1 (Aa)
Cold
2 h; -55 °C
4.23.5
13 (M)
Low air pressure
2 h; 8.5 kPa;
15 °C to 35 °C
4.23.6
30 (Db)
Damp heat
remaining cyclic
5 days; 55 °C;
95 % to 100 % RH; 5 cycles
4.24
78 (Cab)
Damp heat,
(steady state)
56 days; (40 ± 2) °C;
(93 ± 5) % RH
± (5 % R + 0.1
)
4.25.2
-
Endurance
(at room temperature)
1000 h;
loaded with 116 % of P70;
1.5 h ON and 0.5 h OFF
± (5 % R + 0.1
)
4.25.3
-
Endurance
(at 200 °C)
1000 h; without load
± (5 % R + 0.1
)
--
1.2 / 50 μs surge test as
defined in IEC 61000-4-5
(up to 6 kV)
Internal impedance of surge
tester is 2
;
10 pulses at 30 s interval
± (5 % R + 0.1
)
--
Fail safe mains fusing
at 230 VAC
-
Resistance > 100 k
, fusing time < 2 s
(fusing without flame and explosion)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com