Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF10G Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # CF10G
Description  INDUSTRIAL WI-FI WITH WORLD CLASS SOFTWARE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CF10G Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  CF10G Datasheet HTML 1Page - Laird Tech Smart Technology CF10G Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CF10G
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
2
Version
Date
Notes
Approver
1.0
10/8/15
Initial Release
Andrew Chen
SPECIFICATIONS
Category
Feature
Specification
Interfaces
System Interface
16-bit Compact Flash Type I with 50-pin connector
Antenna interface
Two U.FL (Hirose) connectors for antenna diversity
Chipset
Broadcom BCM4318E
Power
Input Power
3.3 VDC +/- 5%
Power Consumption
(at max. transmit
power setting)
Transmit: 400 mA (1320mW)
Receive: 180 mA (594mW)
Standby: 10 mA (33 mW)
Environmental
Operating
Temperature
-22° to 167°F (-30° to 75°C)
Operating Humidity
10 to 90% (non-condensing)
Physical
Length x Width x
Thickness
2.15” (54.5 mm) x 1.69” (43 mm) x 0.13” (3.3 mm)
Weight
0.5 oz (15 g)
Mounting
50-pin connector
Through hole: non-metallic screw recommended
Wi-Fi
Network Standards
IEEE 802.11b, 802.11g, 802.11i
Network Architecture
Types
Infrastructure and ad hoc
Frequency Band
2.4 to 2.4897 GHz
Wireless Media
Direct Sequence-Spread Spectrum (DSSS)
Orthogonal Frequency Divisional Multiplexing (OFDM)
Media Access Protocol
Carrier sense multiple access with collision avoidance (CSMA/CA)
Security
Standards
WEP, WPA, WPA2
Encryption
Wireless Equivalent Privacy (WEP, RC4 Algorithm)
Temporal Key Integrity Protocol (TKIP, RC4 Algorithm)
Advanced Encryption Standard (AES, Rijndael Algorithm)
Encryption Key
Provisioning
Static (40-bit and 128-bit lengths), Pre-Shared (PSK), Dynamic
802.1X Extensible
Auth. Types
EAP-FAST, EAP-TLS, EAP-TTLS, PEAP-GTC, PEAP-MSCHAPv2, PEAP-TLS,
LEAP
Operating Systems
Supported
Windows Mobile 6.5, 6.1, 6.0, 5.0, and (Pocket PC) 2003
Windows Embedded CE 6.0 (all versions) and 5.0
Windows XP Professional and Embedded
Regulatory
Domain Support
FCC, ETSI, TELEC
Certifications
Wi-Fi Alliance
802.11b, 802.11g
WPA Enterprise
WPA2 Enterprise
Cisco Compatible Extensions (CCX)
Version 4
Warranty
Limited Lifetime



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com