Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF10G Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # CF10G
Description  INDUSTRIAL WI-FI WITH WORLD CLASS SOFTWARE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CF10G Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  CF10G Datasheet HTML 1Page - Laird Tech Smart Technology CF10G Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
1
Laird
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852-2268-6567 x026
CF10G
802.11g Compact Flash Module with Antenna Connectors
INDUSTRIAL WI-FI WITH WORLD CLASS SOFTWARE.
The CF10G compact flash (CF) radio module from Laird combines a high-performance
802.11g radio with customized software, both proven on mobile computers and
other business-critical mobile devices that operate in harsh environments. No other
Wi-Fi® radio module can match the range, robust security, seamless mobility, and
easy administration of the CF10G module.
The CF10G module delivers superior hardware, with a maximal radio range, minimal power consumption, and
broad operating temperature range. Laird software guarantees enterprise-level security, fast and reliable
roaming, and easy administration. And all Laird Wi-Fi radios carry certifications and approvals that you may
use to expedite your design to market.
SUPERIOR HARDWARE BRINGS
CONNECTIVITY ANYWHERE
ENTERPRISE-GRADE SECURITY
AND DEVICE MANAGEMENT
PERSONAL SUPPORT FROM
DESIGN TO MANUFACTURE.
The CF10G Module is designed for business-
critical mobile devices and challenging radio
environments, with significantly greater
performance and range than Wi-Fi designed
for office / consumer applications. 802.11g
protocol coexists with legacy networks,
boosting throughput to 54 Mbit/s. Dual Hirose
U.FL antenna connectors enable Tx / Rx
Diversity for error correction, creating more
robust connections in tough environments.
And Laird’s quality manufacturing enables
extended operating temperatures from -30°C
to +75°C, far exceeding the range of most
radio modules.
Laird software leverages our hardware’s
unique strengths for the greatest possible
connectivity, security, and strength. Laird’s
drivers, supplicant, and fully featured Laird
Connection Manager enable 802.1X support
for WPA2 Enterprise security and a broad
range of EAP types. The CF10G operates on
Windows Embedded and Windows Mobile.
Laird software also enables the fastest
roaming in the industry for constant
connection and standalone manufacturing
and regulatory applications to help rapidly
deploy your device to market.
Laird’s support team is always standing by
to provide integration support, analysis,
and troubleshooting for all currently
supported hardware. Working in the same
offices as Laird engineering, Embedded
Wireless Support is your personal bridge to
all of Laird’s software, experience, and
expertise. Laird guarantees a fast response
and is dedicated to seeing your product
through design to manufacturing. And our
online support center serves as an archive
of many common questions, as well as
hundreds of support documents and
software files.
Features at a Glance
Application Areas
Unparalleled connectivity provided by antenna diversity,
market-leading transmit and receive power control, and
intelligent error-correction mechanisms
Enterprise security with 802.1X support (WPA2 Enterprise) and a
broad variety of EAP types for authentication
Certifications and approvals to speed your device to market,
leveraging Laird’s testing and regulatory efforts.
Connected Hospital /
Medical Devices
Cable Replacement
Industrial / AIDC


Similar Part No. - CF10G

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF100103GTR MERITEK-CF100103GTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF100103JTR MERITEK-CF100103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF100103KTR MERITEK-CF100103KTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Chip Integration Techno...
CF10100CS CITC-CF10100CS Datasheet
513Kb / 3P
10A Trench Schottky Rectifier
CF1045CS CITC-CF1045CS Datasheet
531Kb / 3P
10A Trench Schottky Rectifier
More results

Similar Description - CF10G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X2-A11-W-A ETC2-X2-A11-W-A Datasheet
28Kb / 1P
ConnectPort X2 Wi-Fi (Industrial Enclosure)
WF121 ETC2-WF121 Datasheet
1Mb / 41P
Wi-Fi MODULE
WF121-E ETC2-WF121-E Datasheet
457Kb / 7P
Wi-Fi Module
logo
Taoglas antenna solutio...
WLP4958124A02 TAOGLAS-WLP4958124A02 Datasheet
860Kb / 12P
For Wi-Fi Industrial and Consumer Applications
logo
World Produts Inc.
WPANT10042 WPI-WPANT10042 Datasheet
93Kb / 2P
Wi-Fi Embedded Antenna
logo
Qorvo, Inc
QPA5219 QORVO-QPA5219 Datasheet
142Kb / 2P
Wi-Fi Power Amplifier
RFPA5218 QORVO-RFPA5218 Datasheet
564Kb / 7P
Wi-Fi Power Amplifier
TQP5525 QORVO-TQP5525 Datasheet
606Kb / 11P
Wi-Fi Power Amplifer
logo
Advantech Co., Ltd.
WISE-4220 ADVANTECH-WISE-4220 Datasheet
469Kb / 2P
Industrial Wi-Fi 2.4G Wireless I/O Module
13-Aug-2019
EKI-6333AC-M12 ADVANTECH-EKI-6333AC-M12 Datasheet
453Kb / 2P
EN50155 Industrial M12 Wi-Fi AP
4-Mar-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com