Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOB3R015FLF Datasheet(PDF) 2 Page - TT Electronics.

Part # LOB3R015FLF
Description  Low Resistance Metal Element Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LOB3R015FLF Datasheet(HTML) 2 Page - TT Electronics.

  LOB3R015FLF Datasheet HTML 1Page - TT Electronics. LOB3R015FLF Datasheet HTML 2Page - TT Electronics. LOB3R015FLF Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Low Resistance Metal
Element Resistors
LOB Series
Low Resistance Metal
Element Resistors
LOB Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
11. 11
0
25
50
75
100
400
300
200
100
0
Resistance (ohms x 10-3)
Low Resistance Metal
Element Resistors
LOB Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
105
Issue B · 03.02
Welwyn Components
%
X
AM
202
D
TS
-
L
I
M
t
s
eT
∆
t
i
nU
*R
%
%1
±
801
doh
t
e
M
)
s
r
uoh
0002
(
e
fi
l
d
a
o
L
∆R
%
%1
±
701
doh
t
e
M
k
c
o
h
s
l
a
m
r
ehT
∆R
%
%
5.0
±
402
doh
t
e
M
n
o
itar
b
i
V
∆R
%
%
5.0
±
312
doh
t
e
M
kc
o
h
s
l
ac
i
n
a
h
ce
M
∆R
%
%
5.0
±
103
doh
t
e
M
h
t
g
n
e
r
ts
c
ir
t
c
elei
D
∆R
0
1>
203
doh
t
e
M
e
c
n
a
t
s
i
s
e
r
n
oit
a
lu
s
nI
11
ohms
0
25
50
75
100
125
150
175
100
90
80
70
60
50
40
30
20
10
0
Ambient Temp (°C)
Power derating percentage vs
Free air ambient temperature
Temperature coefficient of resistance vs
Resistance value
*±0.0005 ohm allowance for test/contact error.
Packaging
Resistors are supplied taped and reeled.
Bulk packaging available.
Ordering Procedure
Example: LOB3 at 10 milliohms and 5% tolerance on a reel of 1250 pieces -
L O B 3 – R 0 1 J I
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
J
5%
H
3%
Note: 1% & 5% preferred
Packing
I
Tape
LOB1
3500/reel
Standard
LOB3
1250/reel
LOB5
800/reel
LOB1
LOB3
LOB5
08.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com