Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOB3R015FLF Datasheet(PDF) 3 Page - TT Electronics.

Part # LOB3R015FLF
Description  Low Resistance Metal Element Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LOB3R015FLF Datasheet(HTML) 3 Page - TT Electronics.

  LOB3R015FLF Datasheet HTML 1Page - TT Electronics. LOB3R015FLF Datasheet HTML 2Page - TT Electronics. LOB3R015FLF Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Low Resistance Metal
Element Resistors
LOB Series
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: LOB3-R01JI (LOB3, 10 milliohms ±5%, Pb-free)
L O B 3
-
R
0
1
J
I
1
2
3
4
USA (IRC) Part Number: LOB-3R010FLFSLT (LOB3, 10 milliohms ±5%, Pb-free)
L O B
-
3 R
0
1
0
F
L
F
S L
T
1
2
3
4
5
1
2
3
4
Type
Value
Tolerance Packing & Termination Finish
LOB1 R = ohms F* = ±1% I = Standard packing & Pb-free
LOB3
H = ±3%
PB = Standard packing & SnPb
LOB5
J* = ±5%
LOB1
Taped, 3500/reel
* preferred LOB3
Taped, 1250/reel
LOB5
Taped, 800/reel
1
2
3
4
5
Type
Value
Tolerance Termination Finish
Packing
LOB-1 R = ohms
F = ±1%
Omit for SnPb
SLT = Lead Tape*
LOB-3
H = ±3%
LF = Pb-free
LOB-1
3500/reel
LOB-5
J = ±5%
LOB-3
1250/reel
LOB-5
800/reel
BLK = Bulk
* preferred
LOB-1
1500/box
800/box
200/box
LOB-3
LOB-5
08.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com