Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIL-R-83401 Datasheet(PDF) 1 Page - TT Electronics.

Part # MIL-R-83401
Description  SIL Resistor Network
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MIL-R-83401 Datasheet(HTML) 1 Page - TT Electronics.

  MIL-R-83401 Datasheet HTML 1Page - TT Electronics. MIL-R-83401 Datasheet HTML 2Page - TT Electronics. MIL-R-83401 Datasheet HTML 3Page - TT Electronics. MIL-R-83401 Datasheet HTML 4Page - TT Electronics. MIL-R-83401 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SIL Resistor Network
L Series
Thick Film
LowProfileSIP
ConformalCoated
ResistorNetworks
RoHSCompliant
Electrical
Environmental
StandardResistanceRange,Ohms
1%: 22R - 1M; 2%:10R - 5M6; 5%: 10R - 10M
StandardResistanceTolerance,at25°C
±2%
Optional:±1%(FTol.),±5%(JTol.)
OperatingTemperatureRange
-55°Cto+125°C
TemperatureCoefficientofResistance
±100ppm/°C(<50Ohms=±250ppm/°C)
TemperatureCoefficientofResistance,Tracking
±50ppm/°C
MaximumOperatingVoltage
100Vdcor√PR
InsulationResistance
≥10,000Megohms
ThermalShockplusPowerConditioning
ΔR0.70%
ShortTimeOverload
ΔR0.25%
TerminalStrength
ΔR0.25%
MoistureResistance
ΔR0.50%
MechanicalShock
ΔR0.25%
Vibration
ΔR0.25%
LowTemperatureStorage
ΔR0.25%
HighTemperatureExposure
ΔR0.50%
LoadLife,1,000Hours
ΔR1.00%
ResistancetoSolderHeat(PerMIL-STD-202,Method210,Cond.B)
ΔR0.25%
DielectricWithstandVoltage
200Vfor1minute
MarkingPermanency
MIL-STD202,Method215
LeadSolderability
MIL-STD202,Method208
Flammability
UL-94V-ORated
StorageTemperatureRange
-55°Cto+150°C
Specificationssubjecttochangewithoutnotice.
Make Possible
Resistors
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
10.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - MIL-R-83401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MIL-R-83401 ETC2-MIL-R-83401 Datasheet
169Kb / 5P
MODEL L SERIES
More results

Similar Description - MIL-R-83401

ManufacturerPart #DatasheetDescription
logo
Dubilier
9E103G DUBILIER-9E103G Datasheet
124Kb / 2P
RESISTOR NETWORK SIL
logo
Bourns Electronic Solut...
4304K-L BOURNS-4304K-L Datasheet
30Kb / 2P
Resistor Network
4308S-L BOURNS-4308S-L Datasheet
30Kb / 2P
Resistor Network
4310T-L BOURNS-4310T-L Datasheet
30Kb / 2P
Resistor Network
logo
List of Unclassifed Man...
L071S103LF ETC2-L071S103LF Datasheet
208Kb / 5P
SIL Resistor Network
logo
TT Electronics.
L061S102LF TTELEC-L061S102LF Datasheet
208Kb / 5P
SIL Resistor Network
L061S472LF TTELEC-L061S472LF Datasheet
208Kb / 5P
SIL Resistor Network
L081S104LF TTELEC-L081S104LF Datasheet
208Kb / 5P
SIL Resistor Network
L091S102LF TTELEC-L091S102LF Datasheet
208Kb / 5P
SIL Resistor Network
L101S222LF TTELEC-L101S222LF Datasheet
208Kb / 5P
SIL Resistor Network
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com