Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIL-R-83401 Datasheet(PDF) 4 Page - TT Electronics.

Part # MIL-R-83401
Description  SIL Resistor Network
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MIL-R-83401 Datasheet(HTML) 4 Page - TT Electronics.

  MIL-R-83401 Datasheet HTML 1Page - TT Electronics. MIL-R-83401 Datasheet HTML 2Page - TT Electronics. MIL-R-83401 Datasheet HTML 3Page - TT Electronics. MIL-R-83401 Datasheet HTML 4Page - TT Electronics. MIL-R-83401 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TypicalPartMarking
Packaging
L
Logo
Lead #1 Indicator
Model
Series
Resistance Code
Date
Code
Number
Of Leads
Circuit Type
8 3 S 103
Logo
4 Leads Only
Lead #1 Indicator
Resistance Code
Date
Code
Circuit Type & I.D. Code
B 104
Standard:
Bulk:
Quantity
=
4-10pins:200perbag,1000perbox
11-14pins:100perbag,500perbox
Option:
TapeinAmmoBox(4-10pinsonly).
AllUnitsorientedwithlead#1totheleftofdirectionoffeed.
Tape:
Width
=
18mm
Pitch
=
12.7mm
AmmoBox:
Capacity
=
1,000unitsperbox.12,000unitspercarton
SIL Resistor Network
L Series
Make Possible
10.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com