Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # HT2
Description  Precise Temperature Control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

HT2 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  HT2 Datasheet HTML 1Page - Laird Tech Smart Technology HT2 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.18
(30.0)
AWG 24 TEFLON
(SEE TABLE)
(-) BLACK
(+) ORANGE
HOT FACE
(SEE TABLE)
COLD FACE
(SEE TABLE)
1.18
(30.0)
THICKNESS
(SEE TABLE)
1.34
(34.0)
Innovative Technology
for a Connected World
THR-DS-HT2,12,F2,3030 0509
Any information furnished by Laird Technologies and its agents is believed to be accurate and reliable. Responsibility for the use and application of Laird Technologies materials
rests with the end user since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness, merchantability,
or suitability of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages
of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies terms and conditions of sale in effect from time to time, a copy of which will be furnished
upon request. For further information please visit our website at www.lairdtech.com Alternatively contact: sales@lairdtech.com. Bluetooth® is a trademark owned by Bluetooth SIG,
Inc., USA and licensed to Laird Technologies.
® 2008 All Rights Reserved. Laird Technologies is a registered trademark of Laird Technologies, Inc.
ThermaTEC™ Series HT2,12,F2,3030
Thermoelectric Modules
opEraTing TipS
• Max Operating Temperature: 175°C
• Do not exceed Imax or Vmax when
operating module
• Reference assembly guidelines for
recommended installation
THErmo
ElECTriC
Performance Curves at Th = 25°C
Delta T (°C)
Delta T (°C)
0.0
3.0
6.0
9.0
12.0
15.0
0
10
20
30
40
50
60
70
80
Ceramic Material: Alumina (Al
2O3)
Solder Construction: 271°C, Proprietary
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
0
10
20
30
40
50
60
70
80
2.3
1.9
1.4
0.9
0.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com