Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # HT2
Description  Precise Temperature Control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

HT2 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  HT2 Datasheet HTML 1Page - Laird Tech Smart Technology HT2 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Suffix ThickneSS
(prior To Tinning)
flaTneSS &
paralleliSM
hoT
face
cold
face
lead
length
11
0.141”± 0.005”
0.002” / 0.0035”
Lapped
Lapped
6.0
Ta
0.141”± 0.001”
0.001” / 0.001”
Lapped
Lapped
6.0”
TB
0.141”± 0.0005”
0.0005” / 0.0005” Lapped
Lapped
6.0”
Suffix SealanT color TeMp range deScripTion
r
RTV
White
-60 to 204 °C
Non-corrosive, silicone adhesive sealant
e
Epoxy
Black
-55 to 150 °C
Low density syntactic foam epoxy encapsulant
Innovative Technology
for a Connected World
ThermaTEC™ Series HT2,12,F2,3030
Thermoelectric Modules
Americas: +1 888.246.9050
Europe: +46.31.420530
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
FEaTurES
• Thermal Cycling Durability
• Power Cycling Reliability
• Precise Temperature Control
• Strong Lead Attachment
• RoHS Compliant
• Continuous Operation
at High Temperatures
appliCaTionS
• Analytical Instrumentation
• PCR Cyclers
• Thermal Test Sockets
• Electronic Enclosure Cooling
• Chillers (Liquid Cooling)
• Power Generation
The ThermaTEC™ Series of thermoelectric modules (TEMs) are designed to operate under
cycling conditions or high temperature applications.
This product line is available in multiple configurations and is ideal for applications
that require both heating and cooling mode (reverse polarity) or power generation.
Assembled with proprietary solder construction, Bismuth Telluride semiconductor material
and thermally conductive Aluminum Oxide ceramics, the ThermaTEC™ Series is designed
for higher current and larger heat-pumping applications.
perforMance SpecificaTionS
hot Side Temperature (°c)
25°C
50°C
Qmax (Watts)
19.5
21.9
delta Tmax (°c)
63
75
imax (amps)
2.3
2.3
Vmax (Volts)
14.4
16.4
Module resistance (ohms)
5.76
6.50
SEaling opTion


Similar Part No. - HT2

ManufacturerPart #DatasheetDescription
logo
Weller Tools
HT2 WELLER-HT2 Datasheet
80Kb / 4P
Soldering Tips
logo
PANDUIT CORP.
HT2-BLU PANDUIT-HT2-BLU Datasheet
82Kb / 1P
Voltage and Safety Marker Books
HT2-GRN PANDUIT-HT2-GRN Datasheet
82Kb / 1P
Voltage and Safety Marker Books
HT2-ORN PANDUIT-HT2-ORN Datasheet
82Kb / 1P
Voltage and Safety Marker Books
HT2-RED PANDUIT-HT2-RED Datasheet
82Kb / 1P
Voltage and Safety Marker Books
More results

Similar Description - HT2

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
AA-034-12-22 LSTD-AA-034-12-22 Datasheet
976Kb / 2P
Precise temperature control
DA-039-12-02 LSTD-DA-039-12-02 Datasheet
908Kb / 2P
Precise temperature control
DA-075-12-02 LSTD-DA-075-12-02 Datasheet
754Kb / 2P
Precise temperature control
HT6 LSTD-HT6 Datasheet
353Kb / 2P
Precise Temperature Control
MS5 LSTD-MS5 Datasheet
536Kb / 2P
Precise temperature control
PC4 LSTD-PC4 Datasheet
584Kb / 2P
Precise temperature control
DA-115-24-02 LSTD-DA-115-24-02 Datasheet
870Kb / 2P
Precise temperature control
DAC-060-24-02 LSTD-DAC-060-24-02 Datasheet
777Kb / 2P
Precise temperature control
LA-045-12-02-00-00 LSTD-LA-045-12-02-00-00 Datasheet
307Kb / 3P
Precise temperature control
LA-115-24-02-00-00 LSTD-LA-115-24-02-00-00 Datasheet
300Kb / 3P
Precise temperature control
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com