Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5883AS Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5883AS
Description  Audio 3rd-order D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5883AS Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5883AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5883AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5883AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5883AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5883AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5883AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5883AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5883AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5883AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SM588
× series
NIPPON PRECISION CIRCUITS—3
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name
I/O
Description
1
DATA
I
Serial data input
2
BCKI1
1.
3-wire type
I
Bit clock input
DEEM2
2.
2-wire type with built-in deemphasis filter
I
Deemphasis ON/OFF control (44.1 kHz, ON when HIGH)
3
LRCI
I
Sample rate (fs) clock input. Left-channel input when HIGH, and right-channel input when LOW.
4
CLK
I
External clock input
5
RO
O
Right-channel analog output
6
VSS
–
Ground
7
VDD
–
Supply
8
LO
O
Left-channel analog output
Filter & attenuation
operation block
Noise shaper
operation block
Input interface
+
−
+
−
Timing
control
LRCI
DATA
BCKI*
LO
VSS
RO
CLK
DEEM**
LR
LR
VDD
9 Level
DEM DAC
9 Level
DEM DAC
9 Level
DEM DAC
9 Level
DEM DAC
* : Not available for 2-wire input type
** : Not available for 3-wire input type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com