Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5883AS Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5883AS
Description  Audio 3rd-order D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5883AS Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5883AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5883AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5883AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5883AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5883AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5883AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5883AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5883AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5883AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SM588
× series
NIPPON PRECISION CIRCUITS—2
PACKAGE DIMENSIONS
(Unit : mm)
Weight : 0.07g
SERIES LINEUP
Device
Input length
Type
Pin 2 function
Master clock
SM5882AS
16
2-wire input
Deemphasis control
384fs
SM5883AS
16
3-wire input
Bit clock input
384fs
SM5883BS
16
3-wire input
Bit clock input
256fs
SM5885CS
24
3-wire input
Bit clock input
512fs
5.2 0.3
0.4 0.1
0.15 + 0.1
− 0.05
0 to 10
0.695typ
1.27
0.12 M
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com