Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS309RT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS309RT
Description  SERIAL PROGRAMMABLE TRIPLE PLL SS VERSACLOCK SYNTHESIZER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS309RT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS309RT Datasheet HTML 1Page - Integrated Circuit Systems ICS309RT Datasheet HTML 2Page - Integrated Circuit Systems ICS309RT Datasheet HTML 3Page - Integrated Circuit Systems ICS309RT Datasheet HTML 4Page - Integrated Circuit Systems ICS309RT Datasheet HTML 5Page - Integrated Circuit Systems ICS309RT Datasheet HTML 6Page - Integrated Circuit Systems ICS309RT Datasheet HTML 7Page - Integrated Circuit Systems ICS309RT Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ICS309
MDS 309 G
1
Revision 122704
Integrat ed Circuit Systems 5 25 Race Stre et, San Jo se, CA 9 5126 te l (40 8 ) 2 97-12 01 www.ics t.co m
SERIAL PROGRAMMABLE TRIPLE PLL SS VERSACLOCK SYNTHESIZER
Description
The ICS309 is a versatile serially-programmable, triple
PLL with spread spectrum clock source. The ICS309
can generate any frequency from 250kHz to 200 MHz,
and up to 6 different output frequencies simultaneously.
The outputs can be reprogrammed on-the-fly, and will
lock to a new frequency in 10 ms or less.
To reduce system EMI emissions, spread spectrum is
available that supports modulation frequencies of
31 kHz and 120 kHz, as well as modulation amplitudes
of +/-0.25% to +/-2.0%. Both center and down-spread
options are available.
The device includes a PDTS pin which tri-states the
output clocks and powers down the entire chip.
The ICS309 default for non-programmed start-up are
buffered reference clock outputs on all clock output
pins.
ICS’ VersaClockTM programming software allows the
user to configure up to 9 outputs with target
frequencies, spread spectrum capabilities or buffered
reference clock outputs. The VersaClockTM software
automatically configures the PLLs for optimal overall
performance.
Features
Packaged in 20-pin SSOP (QSOP)
Highly accurate frequency generation
M/N Multiplier PLL: M = 1..2048, N = 1..1024
Serially programmable: user determines the output
frequency via a 3-wire interface
Spread Spectrum frequency modulation for reduced
system EMI
Center or Down Spread up to 4% total
Selectable 32 kHz and 120 kHz modulation
Eliminates need for custom quartz oscillators
Input crystal frequency of 5 - 27 MHz
Input clock frequency of 3 - 50 MHz
Output clock frequencies up to 200 MHz
Operating voltage of 3.3 V
Up to 9 reference clock outputs
Power down tri-state mode
Very low jitter
Block Diagram
C rystal
O sc illator
PLL1 with
Spread
Spectrum
GND
2
3
VDD
PD T S
PLL2
PLL3
Divide
Logic
and
Output
Enable
Control
CLK1
CLK9
CLK8
CLK7
CLK6
CLK5
CLK4
CLK3
CLK2
X2
C rystal or
clock input
E xternal capacitors are
required w ith a crystal input.
X 1/IC LK
SCLK
DATA
STROBE


Similar Part No. - ICS309RT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS309 IDT-ICS309 Datasheet
123Kb / 10P
SERIAL PROGRAMMABLE TRIPLE PLL SS VERSACLOCK SYNTH
More results

Similar Description - ICS309RT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS345 ICST-ICS345 Datasheet
153Kb / 7P
Triple PLL Field Programmable SS VersaClock Synthesizer
Revision 090704
ICS343 ICST-ICS343 Datasheet
149Kb / 7P
Field Programmable Triple Output SS VersaClock Synthesizer
Revision 090704
ICS308 ICST-ICS308 Datasheet
134Kb / 8P
SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
Revision 090704
logo
Integrated Device Techn...
ICS308 IDT-ICS308 Datasheet
179Kb / 9P
SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
ICS345 IDT-ICS345 Datasheet
207Kb / 9P
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS308 IDT-ICS308_10 Datasheet
154Kb / 9P
SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
ICS309 IDT-ICS309 Datasheet
123Kb / 10P
SERIAL PROGRAMMABLE TRIPLE PLL SS VERSACLOCK SYNTH
ICS343 IDT-ICS343 Datasheet
127Kb / 9P
FIELD PROGRAMMABLE TRIPLE OUTPUT SS VERSACLOCK SYNTHESIZER
ICS345 IDT-ICS345_13 Datasheet
130Kb / 9P
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
logo
Renesas Technology Corp
MK1716-01 RENESAS-MK1716-01 Datasheet
371Kb / 10P
SERIAL PROGRAMMABLE PCI SS VERSACLOCK SYNTHESIZER
051310
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com