Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6064AIN Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6064AIN
Description  Precision CMOS Quad Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6064AIN Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMC6064AIN Datasheet HTML 2Page - National Semiconductor (TI) LMC6064AIN Datasheet HTML 3Page - National Semiconductor (TI) LMC6064AIN Datasheet HTML 4Page - National Semiconductor (TI) LMC6064AIN Datasheet HTML 5Page - National Semiconductor (TI) LMC6064AIN Datasheet HTML 6Page - National Semiconductor (TI) LMC6064AIN Datasheet HTML 7Page - National Semiconductor (TI) LMC6064AIN Datasheet HTML 8Page - National Semiconductor (TI) LMC6064AIN Datasheet HTML 9Page - National Semiconductor (TI) LMC6064AIN Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Typical Performance Characteristics (Continued)
Output Characteristics
Sourcing Current
DS011466-24
Output Characteristics
Sinking Current
DS011466-25
Gain and Phase Response
vs Temperature
(−55˚C to +125˚C)
DS011466-26
Gain and Phase
Response vs Capacitive Load
with R
L = 20 kΩ
DS011466-27
Gain and Phase
Response vs Capacitive Load
with R
L = 500 kΩ
DS011466-28
Open Loop
Frequency Response
DS011466-29
Inverting Small Signal
Pulse Response
DS011466-30
Inverting Large Signal
Pulse Response
DS011466-31
Non-Inverting Small
Signal Pulse Response
DS011466-32
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com