Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6064AIN Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6064AIN
Description  Precision CMOS Quad Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6064AIN Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMC6064AIN Datasheet HTML 4Page - National Semiconductor (TI) LMC6064AIN Datasheet HTML 5Page - National Semiconductor (TI) LMC6064AIN Datasheet HTML 6Page - National Semiconductor (TI) LMC6064AIN Datasheet HTML 7Page - National Semiconductor (TI) LMC6064AIN Datasheet HTML 8Page - National Semiconductor (TI) LMC6064AIN Datasheet HTML 9Page - National Semiconductor (TI) LMC6064AIN Datasheet HTML 10Page - National Semiconductor (TI) LMC6064AIN Datasheet HTML 11Page - National Semiconductor (TI) LMC6064AIN Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Applications Hints (Continued)
The designer should be aware that when it is inappropriate
to lay out a PC board for the sake of just a few circuits, there
is another technique which is even better than a guard ring
on a PC board: Don’t insert the amplifier’s input pin into the
board at all, but bend it up in the air and use only air as an in-
sulator. Air is an excellent insulator. In this case you may
have to forego some of the advantages of PC board con-
struction, but the advantages are sometimes well worth the
effort of using point-to-point up-in-the-air wiring. See
Figure
6.
Latchup
CMOS devices tend to be susceptible to latchup due to their
internal parasitic SCR effects. The (I/O) input and output pins
look similar to the gate of the SCR. There is a minimum cur-
rent required to trigger the SCR gate lead. The LMC6064
and LMC6082 are designed to withstand 100 mA surge cur-
rent on the I/O pins. Some resistive method should be used
to isolate any capacitance from supplying excess current to
the I/O pins. In addition, like an SCR, there is a minimum
holding current for any latchup mode. Limiting current to the
supply pins will also inhibit latchup susceptibility.
Typical Single-Supply
Applications
(V
+ = 5.0 V
DC)
The extremely high input impedance, and low power con-
sumption, of the LMC6064 make it ideal for applications that
require battery-powered instrumentation amplifiers. Ex-
amples of these types of applications are hand-held pH
probes, analytic medical instruments, magnetic field detec-
tors, gas detectors, and silicon based pressure transducers.
Figure 7 shows an instrumentation amplifier that features
high differential and common mode input resistance
(>10
14
Ω), 0.01% gain accuracy at A
V
= 100, excellent
CMRR with 1 k
Ω imbalance in bridge source resistance. In-
put current is less than 100 fA and offset drift is less than
2.5 µV/˚C. R
2 provides a simple means of adjusting gain
over a wide range without degrading CMRR. R
7 is an initial
trim used to maximize CMRR without using super precision
matched resistors. For good CMRR over temperature, low
drift resistors should be used.
DS011466-8
Inverting Amplifier
DS011466-9
Non-Inverting Amplifier
DS011466-10
Follower
FIGURE 5. Typical Connections of Guard Rings
DS011466-11
(Input pins are lifted out of PC board and soldered directly to components.
All other pins connected to PC board).
FIGURE 6. Air Wiring
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com