Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PTS
Description  Platinum SMD Flat Chip Temperature Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTS Datasheet(HTML) 1 Page - Vishay Siliconix

  PTS Datasheet HTML 1Page - Vishay Siliconix PTS Datasheet HTML 2Page - Vishay Siliconix PTS Datasheet HTML 3Page - Vishay Siliconix PTS Datasheet HTML 4Page - Vishay Siliconix PTS Datasheet HTML 5Page - Vishay Siliconix PTS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PTS Series
www.vishay.com
Vishay Beyschlag
Revision: 08-Dec-15
1
Document Number: 28762
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Platinum SMD Flat Chip
Temperature Sensor
PTS SMD flat chip temperature sensors are the perfect
choice for temperature control of electronics operating
under
varying
environmental
conditions.
The
highly
controlled
platinum
thin
film
manufacturing
process
guarantees
an
outstanding
stability
of
temperature
characteristics which ensures reliable operation even under
harsh conditions.
FEATURES
• Standardized characteristics according to
IEC 60751
• Advanced thin film technology
• Short reaction times down to
t0.9 ≤ 2 s (in air)
• Outstanding stability of temperature
characteristic
• Supports lead (Pb)-free soldering
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
Temperature measurement and control in
• Aviation electronics
• Industrial electronics
• Medical electronics
Notes
(1) Valid for sensor element only
(2) Indicated measurement currents can be applied continuously with self-heating effect of less then 0.1 °C
TECHNICAL SPECIFICATIONS
DESCRIPTION
PTS 0603
PTS 0805
PTS 1206
Resistance values
R0 at 0 °C
100
Ω
100
Ω, 500 Ω
100
Ω, 500 Ω, 1000 Ω
Temperature coefficient (0 °C to +100 °C)
+3850 ppm/K
Tolerance classes
F0.3, F0.6
Operating temperature range
-55 °C to +155 °C
Long term stability
ΔR0/R0;
R0 change after 1000 h at +155 °C
< ± 0.04 %
Insulation resistance
> 10 M
Ω
Measurement current
Imeas. (DC)
(2)
100
Ω
0.1 mA to 0.50 mA
0.1 mA to 1.0 mA
0.1 mA to 1.0 mA
500
Ω
-
0.1 mA to 0.40 mA
0.1 mA to 0.40 mA
1000
Ω
-
-
0.1 mA to 0.25 mA
Self-heating (1)
Still air
(v = 0 m/s)
≤ 0.9 K/mW
≤ 0.8 K/mW
≤ 0.7 K/mW
Thermal response time (1)
Flowing
water
(v = 0.4 m/s)
t0.5 ≤ 0.1 s
t0.5 ≤ 0.2 s
t0.5 ≤ 0.3 s
t0.9 ≤ 0.2 s
t0.9 ≤ 0.3 s
t0.9 ≤ 0.4 s
Flowing air
(v = 3.0 m/s)
t0.5 ≤ 1.0 s
t0.5 ≤ 1.5 s
t0.5 ≤ 2.0 s
t0.9 ≤ 2.0 s
t0.9 ≤ 3.0 s
t0.9 ≤ 5.0 s


Similar Part No. - PTS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTS BOURNS-PTS Datasheet
459Kb / 6P
High Grade Slide Potentiometer
logo
TT Electronics.
PTS TTELEC-PTS Datasheet
273Kb / 2P
High stability thin film Platinum sensor
logo
Vishay Siliconix
PTS VISHAY-PTS Datasheet
120Kb / 6P
Temperature Dependent Platinum Thin Film Chip Resistor (RTD)
12-Feb-2019
PTS VISHAY-PTS Datasheet
103Kb / 6P
Platinum SMD Flat Chip Temperature Sensor
28-Sep-15
logo
PANDUIT CORP.
PTS PANDUIT-PTS Datasheet
4Mb / 16P
Heavy Duty Cable Management Solutions
5/2017
More results

Similar Description - PTS

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
RTD WELWYN-RTD Datasheet
173Kb / 2P
Platinum Temperature Sensor
logo
Vishay Siliconix
PTS0603 VISHAY-PTS0603 Datasheet
134Kb / 6P
Platinum SMD Flat Chip Temperature Sensor
29-Jan-08
logo
RCD COMPONENTS INC.
PTF2L-1000-ABW RCD-PTF2L-1000-ABW Datasheet
52Kb / 1P
THIN-FILM PLATINUM TEMPERATURE SENSOR
logo
IRC - a TT electronics ...
RTD-P1206-42-1000-D IRCTT-RTD-P1206-42-1000-D Datasheet
333Kb / 2P
Platinum Temperature Sensor
logo
RHOPOINT COMPONENTS
51206902 RHOPOINT-51206902 Datasheet
147Kb / 1P
Platinum Temperature Sensor CPT 100 SMD 1206
CPT1000 RHOPOINT-CPT1000 Datasheet
119Kb / 1P
Platinum Temperature Sensor SMD 1206 CPT 1000
logo
Vishay Siliconix
PTS-AT VISHAY-PTS-AT Datasheet
108Kb / 5P
Platinum SMD Flat Chip Temperature Sensor
08-Dec-15
PTSAT VISHAY-PTSAT Datasheet
108Kb / 5P
Platinum SMD Flat Chip Temperature Sensor
08-Dec-15
logo
TE Connectivity Ltd
PTFC102BC1G0 TEC-PTFC102BC1G0 Datasheet
79Kb / 3P
Platinum Temperature Sensor
logo
Vishay Siliconix
PTSATAU VISHAY-PTSATAU Datasheet
581Kb / 5P
Gold Terminated Platinum SMD Flat Chip Temperature Sensor
29-Sep-2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com