Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PTS
Description  Platinum SMD Flat Chip Temperature Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTS Datasheet(HTML) 4 Page - Vishay Siliconix

  PTS Datasheet HTML 1Page - Vishay Siliconix PTS Datasheet HTML 2Page - Vishay Siliconix PTS Datasheet HTML 3Page - Vishay Siliconix PTS Datasheet HTML 4Page - Vishay Siliconix PTS Datasheet HTML 5Page - Vishay Siliconix PTS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PTS Series
www.vishay.com
Vishay Beyschlag
Revision: 08-Dec-15
4
Document Number: 28762
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NOMINAL RESISTANCE VALUE
TEMPERATURE
R/R0
RATIO
NOMINAL RESISTANCE VALUES
CLASS F0.3
CLASS F0.6
R0
100 Ω
R0
500 Ω
R0
1000 Ω
TTol.
TTol.
(°C)
(Ω)(Ω)(Ω)
(°C)
(°C)
-55
0.78319
78.32
391.59
783.19
± 0.58
± 1.15
-50
0.80306
80.31
401.53
803.06
± 0.55
± 1.10
-45
0.82290
82.29
411.45
822.90
± 0.53
± 1.05
-40
0.84271
84.27
421.35
842.71
± 0.50
± 1.00
-35
0.86248
86.25
431.24
862.48
± 0.48
± 0.95
-30
0.88222
88.22
441.11
882.22
± 0.45
± 0.90
-25
0.90192
90.19
450.96
901.92
± 0.43
± 0.85
-20
0.92160
92.16
460.80
921.60
± 0.40
± 0.80
-15
0.94124
94.12
470.62
941.24
± 0.38
± 0.75
-10
0.96086
96.09
480.43
960.86
± 0.35
± 0.70
-5
0.98044
98.04
490.22
980.44
± 0.33
± 0.65
0
1.00000
100.00
500.00
1000.00
± 0.30
± 0.60
5
1.01953
101.95
509.76
1019.53
± 0.33
± 0.65
10
1.03903
103.90
519.51
1039.03
± 0.35
± 0.70
15
1.05849
105.85
529.25
1058.49
± 0.38
± 0.75
20
1.07794
107.79
538.97
1077.94
± 0.40
± 0.80
25
1.09735
109.73
548.67
1097.35
± 0.43
± 0.85
30
1.11673
111.67
558.36
1116.73
± 0.45
± 0.90
35
1.13608
113.61
568.04
1136.08
± 0.48
± 0.95
40
1.15541
115.54
577.70
1155.41
± 0.50
± 1.00
45
1.17470
117.47
587.35
1174.70
± 0.53
± 1.05
50
1.19397
119.40
596.99
1193.97
± 0.55
± 1.10
55
1.21321
121.32
606.60
1213.21
± 0.58
± 1.15
60
1.23242
123.24
616.21
1232.42
± 0.60
± 1.20
65
1.25160
125.16
625.80
1251.60
± 0.63
± 1.25
70
1.27075
127.08
635.38
1270.75
± 0.65
± 1.30
75
1.28987
128.99
644.94
1289.87
± 0.68
± 1.35
80
1.30897
130.90
654.48
1308.97
± 0.70
± 1.40
85
1.32803
132.80
664.02
1328.03
± 0.73
± 1.45
90
1.34707
134.71
673.53
1347.07
± 0.75
± 1.50
95
1.36608
136.61
683.04
1366.08
± 0.78
± 1.55
100
1.38506
138.51
692.53
1385.06
± 0.80
± 1.60
105
1.40400
140.40
702.00
1404.00
± 0.83
± 1.65
110
1.42293
142.29
711.46
1422.93
± 0.85
± 1.70
115
1.44182
144.18
720.91
1441.82
± 0.88
± 1.75
120
1.46068
146.07
730.34
1460.68
± 0.90
± 1.80
125
1.47951
147.95
739.76
1479.51
± 0.93
± 1.85
130
1.49832
149.83
749.16
1498.32
± 0.95
± 1.90
135
1.51710
151.71
758.55
1517.10
± 0.98
± 1.95
140
1.53584
153.58
767.92
1535.84
± 1.00
± 2.00
145
1.55456
155.46
777.28
1554.56
± 1.03
± 2.05
150
1.57325
157.33
786.63
1573.25
± 1.05
± 2.10
155
1.59191
159.19
795.96
1591.91
± 1.08
± 2.15



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com