Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK17TA8-R25 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # STK17TA8-R25
Description  nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK17TA8-R25 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button STK17TA8-R25 Datasheet HTML 14Page - List of Unclassifed Manufacturers STK17TA8-R25 Datasheet HTML 15Page - List of Unclassifed Manufacturers STK17TA8-R25 Datasheet HTML 16Page - List of Unclassifed Manufacturers STK17TA8-R25 Datasheet HTML 17Page - List of Unclassifed Manufacturers STK17TA8-R25 Datasheet HTML 18Page - List of Unclassifed Manufacturers STK17TA8-R25 Datasheet HTML 19Page - List of Unclassifed Manufacturers STK17TA8-R25 Datasheet HTML 20Page - List of Unclassifed Manufacturers STK17TA8-R25 Datasheet HTML 21Page - List of Unclassifed Manufacturers STK17TA8-R25 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
STK17TA8
February 2004
20
Document Control # ML0023 rev 0.3
M
Match. Setting this bit to 0 causes the seconds value to be used in the alarm match. Setting this bit to 1 causes the match circuit to ignore
the seconds value.
1FFF1h
Timekeeping - Centuries
D7
D6
D5
D4
D3
D2
D1
D0
X
X
10s Centuries
Centuries
1FFF0h
Flags
D7
D6
D5
D4
D3
D2
D1
D0
WDF
AF
PF
X
X
CAL
W
R
WDF
Watchdog Timer Flag. This read-only bit is set to 1 when the watchdog timer is allowed to reach 0 without being reset by the user. It is
cleared to 0 when the Flags/Control register is read.
AF
Alarm Flag. This read-only bit is set to 1 when the time and date match the values stored in the alarm registers with the match bits = 0. It is
cleared when the Flags/Control register is read.
PF
Power-fail Flag. This read-only bit is set to 1 when power falls below the power-fail threshold Vswitch. It is cleared to 0 when the Flags/Con-
trol register is read.
CAL
Calibration Mode. When set to 1, the clock enters calibration mode. When set to 0, the clock operates normally.
W
Write Time. Setting the W bit to 1 freezes updates of the timekeeping registers. The user can then write them with updated values. Setting
the W bit to 0 causes the contents of the time registers to be transferred to the timekeeping counters.
R
Read Time. Setting the R bit to 1 copies a static image of the timekeeping registers and places them in a holding register. The user can
then read them without concerns over changing values causing system errors. The R bit going from 0 to 1 causes the timekeeping capture,
so the bit must be returned to 0 prior to reading again.
1FFF2h
Alarm - Seconds
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com