Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK17TA8-R25 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # STK17TA8-R25
Description  nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK17TA8-R25 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button STK17TA8-R25 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK17TA8-R25 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK17TA8-R25 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK17TA8-R25 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK17TA8-R25 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK17TA8-R25 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK17TA8-R25 Datasheet HTML 10Page - List of Unclassifed Manufacturers STK17TA8-R25 Datasheet HTML 11Page - List of Unclassifed Manufacturers STK17TA8-R25 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
STK17TA8
February 2004
8
Document Control # ML0023 rev 0.3
SOFTWARE-CONTROLLED STORE/RECALL CYCLEs
(VCC = 3.0V +20%, -10%)e
Note r:
The software sequence is clocked with E controlled READs or G controlled READs.
Note s: The six consecutive addresses must be in the order listed in the Hardware Mode Selection Table: (4E38, B1C7, 83E0, 7C1F, 703F, 8FC0) for a
STORE cycle or (4E38, B1C7, 83E0, 7C1F, 703F, 4C63) for a RECALL cycle. W must be high during all six consecutive cycles.
SOFTWARE STORE/RECALL CYCLE: E CONTROLLEDs
SOFTWARE STORE/RECALL CYCLE: G CONTROLLEDs
NO.
SYMBOLS
PARAMETER
STK17TA8-25
STK17TA8-35
STK17TA8-45
UNITS NOTES
E cont
G cont
Alternate
MIN
MAX
MIN
MAX
MIN
MAX
25
tAVAV
tAVAV
tRC
STORE/RECALL Initiation Cycle Time
25
35
45
ns
s
26
tAVEL
tAVGL
tAS
Address Set-up Time
0
0
0
ns
27
tELEH
tGLGH
tCW
Clock Pulse Width
20
25
30
ns
28
tELAX
tGLAX
Address Hold Time
20
20
20
ns
29
tRECALL
tRECALL
RECALL Duration
20
20
20
µs
DATA VALID
HIGH IMPEDANCE
ADDRESS #6
ADDRESS #1
DATA VALID
25
tAVAV
DATA VALID
DQ (DATA)
E
ADDRESS
23
29
tSTORE / tRECALL
25
tAVAV
26
tAVEL
27
tELEH
28
tELAX
G
DATA VALID
HIGH IMPEDANCE
ADDRESS #6
ADDRESS #1
DATA VALID
25
tAVAV
DATA VALID
E
ADDRESS
23
29
tSTORE / tRECALL
25
tAVAV
26
tAVGL
27
tGLGH
28
tGLAX
G
DQ (DATA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com