Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2011 Datasheet(PDF) 4 Page - International Rectifier

Part # IR2011
Description  HIGH AND LOW SIDE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2011 Datasheet(HTML) 4 Page - International Rectifier

  IR2011 Datasheet HTML 1Page - International Rectifier IR2011 Datasheet HTML 2Page - International Rectifier IR2011 Datasheet HTML 3Page - International Rectifier IR2011 Datasheet HTML 4Page - International Rectifier IR2011 Datasheet HTML 5Page - International Rectifier IR2011 Datasheet HTML 6Page - International Rectifier IR2011 Datasheet HTML 7Page - International Rectifier IR2011 Datasheet HTML 8Page - International Rectifier IR2011 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
www.irf.com
IR2011(S) & (PbF)
Functional Block Diagram
Lead Definitions
Symbol Description
8-Lead PDIP
8-Lead SOIC also available LEAD-FREE (PbF)
IR2011
IR2011S
Part Number
Lead Assignments
HIN
Logic input for high side gate driver output (HO), in phase
LIN
Logic input for low side gate driver output (LO), in phase
VB
High side floating supply
HO
High side gate drive output
VS
High side floating supply return
VCC
Low side supply
LO
Low side gate drive output
COM
Low side return
V
B
LIN
UV
DETECT
DELAY
V
CC
UV
DETECT
LO
V
S
COM
S
R
UV
Q
HIN
HO
LEVEL
SHIFT
CIRCUIT
LOW
VOLTAGE
LEVEL
SHIFT
3V S-TRIGGER
3V S-TRIGGER
HIGH
VOLTAGE
BUFFER
LOW
VOLTAGE
LEVEL
SHIFT
V
S
V
B
HO
HIN
COM
V
CC
LIN
LO
1
8
4
5
6
7
3
2
V
S
V
B
HO
HIN
COM
V
CC
LIN
LO
1
8
4
5
6
7
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com