Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2011 Datasheet (PDF) - International Rectifier

IR2011 Datasheet PDF - International Rectifier
Part # IR2011
Download  IR2011 Download
File Size   143.12 Kbytes
Page   17 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HIGH AND LOW SIDE DRIVER

IR2011 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2011 Datasheet PDF - International Rectifier

Part # IR2011
Download  IR2011 Click to download

File Size   143.12 Kbytes
Page   17 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HIGH AND LOW SIDE DRIVER

IR2011 Datasheet (HTML) - International Rectifier


IR2011 Product details

Description

The IR2011 isa high power, high speed powerMOSFET driver with independenthigh and low side referenced output channels, idealfor Audio Class D and DC-DC converter applications. Logic inputs are compatible with standard CMOS or LSTTL output, down to 3.0V logic. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. Propagation delays are matched to simplify use in high frequency applications. The floating channel can be used to drive an N-channel power MOSFET in the high side configuration which operates up to 200 volts. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic construction.



Features

· Floating channel designed for bootstrap operation

   Fully operational up to +200V

   Tolerant to negative transient voltage, dV/dt immune

· Gate drive supply range from 10V to 20V

· Independent low and high side channels

· Input logicHIN/LIN active high

· Undervoltage lockout for both channels

· 3.3V and 5V input logic compatible

· CMOS Schmitt-triggered inputs with pull-down

· Matched propagation delay for both channels

· Also available LEAD-FREE (PbF)



Applications

· Audio Class D amplifiers

· High power DC-DC SMPS converters

· Other high frequency applications



 




Similar Part No. - IR2011

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2011 IRF-IR2011 Datasheet
235Kb / 17P
HIGH AND LOW SIDE DRIVER
IR2011PBF IRF-IR2011PBF Datasheet
235Kb / 17P
HIGH AND LOW SIDE DRIVER
IR2011PBF IRF-IR2011PBF Datasheet
1Mb / 18P
Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
IR2011PBF INFINEON-IR2011PBF Datasheet
1Mb / 18P
High and Low Side Driver
April 14, 2015
logo
International Rectifier
IR2011PBF IRF-IR2011PBF_15 Datasheet
1Mb / 18P
Floating channel designed for bootstrap operation
More results


Similar Description - IR2011

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF Datasheet
338Kb / 19P
HIGH AND LOW SIDE DRIVER
IRS2106 IRF-IRS2106_15 Datasheet
1Mb / 25P
HIGH AND LOW SIDE DRIVER
IRS2181 IRF-IRS2181_15 Datasheet
1Mb / 23P
HIGH AND LOW SIDE DRIVER
IRS2607DSPBF IRF-IRS2607DSPBF_15 Datasheet
833Kb / 28P
HIGH AND LOW SIDE DRIVER
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Infineon Technologies A...
IR2101 INFINEON-IR2101 Datasheet
148Kb / 14P
HIGH AND LOW SIDE DRIVER
IRS2005PBF INFINEON-IRS2005PBF Datasheet
1Mb / 19P
High and Low Side Driver
April 23, 2020
IRS2101PBF INFINEON-IRS2101PBF Datasheet
1Mb / 15P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60250
logo
Shenzhen Huazhimei Semi...
HM2101 HMSEMI-HM2101 Datasheet
385Kb / 5P
High and Low Side Driver
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com