Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2011S Datasheet(PDF) 1 Page - International Rectifier

Part # IR2011S
Description  HIGH AND LOW SIDE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2011S Datasheet(HTML) 1 Page - International Rectifier

  IR2011S Datasheet HTML 1Page - International Rectifier IR2011S Datasheet HTML 2Page - International Rectifier IR2011S Datasheet HTML 3Page - International Rectifier IR2011S Datasheet HTML 4Page - International Rectifier IR2011S Datasheet HTML 5Page - International Rectifier IR2011S Datasheet HTML 6Page - International Rectifier IR2011S Datasheet HTML 7Page - International Rectifier IR2011S Datasheet HTML 8Page - International Rectifier IR2011S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Features
• Floating channel designed for bootstrap operation
Fully operational up to +200V
Tolerant to negative transient voltage, dV/dt immune
• Gate drive supply range from 10V to 20V
• Independent low and high side channels
• Input logicHIN/LIN active high
• Undervoltage lockout for both channels
• 3.3V and 5V input logic compatible
• CMOS Schmitt-triggered inputs with pull-down
• Matched propagation delay for both channels
• 8-Lead SOIC is also available LEAD-FREE (PbF)
Packages
HIGH AND LOW SIDE DRIVER
Product Summary
VOFFSET
200V max.
IO+/-
1.0A /1.0A typ.
VOUT
10 - 20V
ton/off
80 & 60 ns typ.
Delay Matching
20 ns max.
IR2011(S) & (PbF)
www.irf.com
1
Typical Connection
(Refer to Lead Assignments for correct configuration). This/These diagram(s) show electrical connections only. Please
refer to our Application Notes and DesignTips for proper circuit board layout.
Data Sheet No.PD60217 Rev A
Applications
• Audio Class D amplifiers
• High power DC-DC SMPS converters
• Other high frequency applications
Description
The IR2011 is a high power, high speed power MOSFET driver with independent high
and low side referenced output channels, ideal for Audio Class D and DC-DC converter
applications. Logic inputs are compatible with standard CMOS or LSTTL output, down
to 3.0V logic. The output drivers feature a high pulse current buffer stage designed for
minimum driver cross-conduction. Propagation delays are matched to simplify use in
high frequency applications. The floating channel can be used to drive an N-channel
power MOSFET in the high side configuration which operates up to 200 volts. Propri-
etary HVIC and latch immune CMOS technologies enable ruggedized monolithic con-
struction.
8-Lead SOIC
IR2011S
also available
LEAD-FREE (PbF)
8-Lead PDIP
IR2011
200V
TO
LOAD
V
CC
COM
LIN
HIN
V
S
V
B
HO
HIN
COM
V
CC
LIN
LO
1
8
4
5


Similar Part No. - IR2011S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2011S IRF-IR2011S Datasheet
235Kb / 17P
HIGH AND LOW SIDE DRIVER
IR2011SPBF IRF-IR2011SPBF Datasheet
235Kb / 17P
HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2011SPBF INFINEON-IR2011SPBF Datasheet
1Mb / 18P
High and Low Side Driver
April 14, 2015
logo
International Rectifier
IR2011STRPBF IRF-IR2011STRPBF Datasheet
235Kb / 17P
HIGH AND LOW SIDE DRIVER
More results

Similar Description - IR2011S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF Datasheet
338Kb / 19P
HIGH AND LOW SIDE DRIVER
IRS2106 IRF-IRS2106_15 Datasheet
1Mb / 25P
HIGH AND LOW SIDE DRIVER
IRS2181 IRF-IRS2181_15 Datasheet
1Mb / 23P
HIGH AND LOW SIDE DRIVER
IRS2607DSPBF IRF-IRS2607DSPBF_15 Datasheet
833Kb / 28P
HIGH AND LOW SIDE DRIVER
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Infineon Technologies A...
IR2101 INFINEON-IR2101 Datasheet
148Kb / 14P
HIGH AND LOW SIDE DRIVER
IRS2005PBF INFINEON-IRS2005PBF Datasheet
1Mb / 19P
High and Low Side Driver
April 23, 2020
IRS2101PBF INFINEON-IRS2101PBF Datasheet
1Mb / 15P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60250
logo
Shenzhen Huazhimei Semi...
HM2101 HMSEMI-HM2101 Datasheet
385Kb / 5P
High and Low Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com