Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TH4
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TH4 Datasheet(HTML) 2 Page - Vishay Siliconix

  TH4 Datasheet HTML 1Page - Vishay Siliconix TH4 Datasheet HTML 2Page - Vishay Siliconix TH4 Datasheet HTML 3Page - Vishay Siliconix TH4 Datasheet HTML 4Page - Vishay Siliconix TH4 Datasheet HTML 5Page - Vishay Siliconix TH4 Datasheet HTML 6Page - Vishay Siliconix TH4 Datasheet HTML 7Page - Vishay Siliconix TH4 Datasheet HTML 8Page - Vishay Siliconix TH4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TH4
www.vishay.com
Vishay Sprague
Revision: 06-Dec-16
2
Document Number: 40152
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
6.3 V
10 V
16 V
35 V
50 V
4.7
D (0.9)
10
B (1.8)
B (1.8)
B (2.0)
22
B (1.5)
B (1.6) C (1.4)
B (1.9) C (1.4, 1.0) D (0.8, 0.6)
D (0.5)
47
C (0.8)
C (0.5)
C (0.8) D (0.4, 0.7)
100
E (0.6)
MARKING
Marking
Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating.
The Vishay identification is included if space permits. Capacitors rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors.
Call the factory for further explanation.
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
)
MAX. RIPPLE
AT +25 °C
100 kHz
IRMS
(A)
6.3 VDC AT +85 °C; 3 VDC AT +175 °C
10
B
TH4B106(1)6R3(2)1800
0.6
6.0
1.800
0.22
22
B
TH4B226(1)6R3(2)1500
1.4
6.0
1.500
0.24
47
C
TH4C476(1)6R3(2)0800
3.0
6.0
0.800
0.37
10 VDC AT +85 °C; 5 VDC AT +175 °C
10
B
TH4B106(1)010(2)1800
1.0
4.5
1.800
0.22
22
B
TH4B226(1)010(2)1600
2.2
6.0
1.600
0.23
22
C
TH4C226(1)010(2)1400
2.2
6.0
1.400
0.28
47
C
TH4C476(1)010(2)0500
4.7
4.5
0.500
0.47
16 VDC AT +85 °C; 8 VDC AT +175 °C
10
B
TH4B106(1)016(2)2000
1.6
6.0
2.000
0.21
22
B
TH4B226(1)016(2)1900
3.5
6.0
1.900
0.21
22
C
TH4C226(1)016(2)1400
3.5
6.0
1.400
0.28
22
C
TH4C226(1)016(2)1000
3.5
6.0
1.000
0.33
22
D
TH4D226(1)016(3)0800
3.5
6.0
0.800
0.43
22
D
TH4D226(1)016(3)0600
3.5
6.0
0.600
0.50
47
C
TH4C476(1)016(2)0800
7.5
6.0
0.800
0.37
47
D
TH4D476(1)016(3)0700
7.5
6.0
0.700
0.46
47
D
TH4D476(1)016(3)0400
7.5
6.0
0.400
0.61
100
E
TH4E107(1)016(3)0600
16
8.0
0.600
0.52
35 VDC AT +85 °C; 17.5 VDC AT +175 °C
22
D
TH4D226(1)035(3)0500
6.0
6.0
0.500
0.55
50 VDC AT +85 °C; 25 VDC AT +175 °C
4.7
D
TH4D475(1)050(3)0900
2.4
6.0
0.900
0.41
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, D
(3) Termination and packaging: C, D, V, U
Date code
Vishay marking
Indicates 175 °C temperature
Voltage
Capacitance, μF
Polarity
band (+)
22
B10
XX
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com