Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TH4
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TH4 Datasheet(HTML) 1 Page - Vishay Siliconix

  TH4 Datasheet HTML 1Page - Vishay Siliconix TH4 Datasheet HTML 2Page - Vishay Siliconix TH4 Datasheet HTML 3Page - Vishay Siliconix TH4 Datasheet HTML 4Page - Vishay Siliconix TH4 Datasheet HTML 5Page - Vishay Siliconix TH4 Datasheet HTML 6Page - Vishay Siliconix TH4 Datasheet HTML 7Page - Vishay Siliconix TH4 Datasheet HTML 8Page - Vishay Siliconix TH4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TH4
www.vishay.com
Vishay Sprague
Revision: 06-Dec-16
1
Document Number: 40152
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Surface Mount Chip Capacitors
TANTAMOUNT™ Molded Case, HI-TMP®
High Temperature 175 °C, Automotive Grade
PERFORMANCE / ELECTRICAL
CHARACTERISTICS
www.vishay.com/doc?40215
Operating Temperature: -55 °C to +175 °C
Capacitance Range: 10 μF to 100 μF
Capacitance Tolerance: ± 10 %, ± 20 %
Voltage Range: 6.3 VDC to 35 VDC
FEATURES
• Operating temperature up to 175 °C with 50 %
voltage derating
• AEC-Q200 qualified
• 100 % surge current tested
• RoHS-compliant terminations available:
matte tin (all cases), gold (D case)
• Standard EIA 535BAAC case sizes
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Automotive
• Industrial
• High temperature
Notes
• We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size. Voltage
substitutions will be marked with the higher voltage rating.
• Dry pack as specified in J-STD-033 for MSL3. Applicable for D and E cases only.
Note
• Glue pad (non-conductive, part of molded case) is dedicated for glue attachment (as user option).
ORDERING INFORMATION
TH4
C
226
K
016
C
1000
TYPE
CASE
CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING AT +85 °C
TERMINATION AND
PACKAGING
ESR
See
Ratings
and Case
Codes
table
This is expressed in
picofarads. The first
two digits are the
significant figures.
The third is the
number of zeros to
follow.
K = ± 10 %
M = ± 20 %
This is expressed in V.
To complete the
three-digit block, zeros
precede the voltage
rating. A decimal point
is indicated by an “R”
(6R3 = 6.3 V)
Matte tin
C = 7" (178 mm) reel
D = 13" (330 mm) reel
V = 7" (178 mm) reel,
dry pack
U = 13" (330 mm) reel,
dry pack
Maximum
100 kHz ESR
0500 = 500 m
5000 = 5.0
10R0 = 10.0
DIMENSIONS in inches [millimeters]
CASE CODE
EIA SIZE
L
W
H
P
TW
TH (MIN.)
B
3528-21
0.138 ± 0.008
[3.5 ± 0.20]
0.110 ± 0.008
[2.8 ± 0.20]
0.075 ± 0.008
[1.9 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.028
[0.70]
C
6032-28
0.236 ± 0.012
[6.0 ± 0.30]
0.126 ± 0.012
[3.2 ± 0.30]
0.098 ± 0.012
[2.5 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.039
[1.0]
D
7343-31
0.287 ± 0.012
[7.3 ± 0.30]
0.169 ± 0.012
[4.3 ± 0.30]
0.110 ± 0.012
[2.8 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.094 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
E
7343-43
0.287 ± 0.012
[7.3 ± 0.30]
0.169 ± 0.012
[4.3 ± 0.30]
0.157 ± 0.012
[4.0 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.094 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
L
T
H (MIN.)
H
W
T
W
P
Glue Pad
Glue Pad


Similar Part No. - TH4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH4 VISHAY-TH4 Datasheet
568Kb / 15P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
26-Jun-17
logo
Nais(Matsushita Electri...
TH40 NAIS-TH40 Datasheet
42Kb / 2P
CONTAORE MISURA DIN 48
TH403 NAIS-TH403 Datasheet
42Kb / 2P
CONTAORE MISURA DIN 48
TH404 NAIS-TH404 Datasheet
42Kb / 2P
CONTAORE MISURA DIN 48
TH405 NAIS-TH405 Datasheet
42Kb / 2P
CONTAORE MISURA DIN 48
More results

Similar Description - TH4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D105X0035B2TE3 VISHAY-293D105X0035B2TE3 Datasheet
127Kb / 12P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
16-May-13
293D106X9025D2TE3 VISHAY-293D106X9025D2TE3 Datasheet
127Kb / 12P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
16-May-13
293D106X9035D2TE3 VISHAY-293D106X9035D2TE3 Datasheet
127Kb / 12P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
16-May-13
293D156X9020D2T VISHAY-293D156X9020D2T Datasheet
129Kb / 12P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
30-Aug-12
293D106X9025C2TE3 VISHAY-293D106X9025C2TE3 Datasheet
150Kb / 13P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
21-Mar-13
293D106X9010B2W VISHAY-293D106X9010B2W Datasheet
129Kb / 12P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
30-Aug-12
293D106X0050E2TE3 VISHAY-293D106X0050E2TE3 Datasheet
130Kb / 12P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
21-Mar-13
TH3 VISHAY-TH3_17 Datasheet
576Kb / 19P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 150 °C, Automotive Grade
20-Jun-17
TH4 VISHAY-TH4_17 Datasheet
568Kb / 15P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
26-Jun-17
TH5 VISHAY-TH5 Datasheet
1Mb / 11P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, HI-TMP®, Very High Temperature 200 °C
28-Sep-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com