Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPE0505D Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPE0505D
Description  1W Isolated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPE0505D Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPE0505D Datasheet HTML 1Page - Toppower Electronic Technology Limited TPE0505D Datasheet HTML 2Page - Toppower Electronic Technology Limited TPE0505D Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPE 5V & 12V Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page1 / 3
DESCRIPTION
:
The TPE series are miniature, isolated 1W DC/DC converters in a SIP and DIP package. They offer
the ideal solution in many space critical applications for board level power distribution. The internal
SMD construction makes it possible to offer a product with high performance at low cost. The series
offers smaller size, improved efficiency, lower output ripple noise and 1KVD C~3KVDC isolation.
1W Isolated Single Output DC/DC Converters
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage/SIP
Tested for 1 second
1000
VDC
Isolation test voltage/DIP
Tested for 1 second
3000
VDC
Resistance
Viso= 1000VDC
1
G
FEATURES
RoHS compliant
Single isolated output
1KVDC isolation /SIP; 3KVDC/ DIP
Efficiency up to 81%
Operating temperature :-40°C to 85°C
Power density 1.53W/cm
3
UL 94V-0 package material
Footprint from 0.69cm
2
Industry standard pinout
Input voltage: 5V, 12V ,24V
Output voltage: 5V, 9V, 12V ,15V,24V
/
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current
Efficiency
Package Style
V
V
mA
%
TPE0505D
5
5
200/20.0
68
DIP
TPE0509D
5
9
110/11.0
78
DIP
TPE0512D
5
12
83/8.3
77
DIP
TPE0515D
5
15
66/6.6
81
DIP
TPE0524D
5
24
42/4.2
80
DIP
TPE0505S
5
5
200/20.0
70
SIP
TPE0509S
5
9
110/11.0
78
SIP
TPE0512S
5
12
83/8.3
78
SIP
TPE0515S
5
15
66/6.6
80
SIP
TPE0524S
5
24
42/4.2
79
SIP
TPE1205D
12
5
200/20.0
69
DIP
TPE1209D
12
9
110/11.0
74
DIP
TPE1212D
12
12
83/8.3
76
DIP
TPE1215D
12
15
66/6.6
75
DIP
TPE1205S
12
5
200/20.0
71
SIP
TPE1209S
12
9
110/11.0
73
SIP
TPE1212S
12
12
83/8.3
76
SIP
TPE1215S
12
15
66/6.6
74
SIP
TPE1218S
12
18
55/5.5
74
SIP
TPE2405S
24
5
200/20.0
71
SIP
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
5V input
4.5
5.0
5.5
V
Voltage range
12V input
10.8
12.0
13.2
V
Voltage range
24V input
21.6
24
26.4
V
Reflected ripple current
26
48
mA p-p


Similar Part No. - TPE0505D

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPE0505D TOPPOWER-TPE0505D Datasheet
447Kb / 3P
1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE0505D TOPPOWER-TPE0505D Datasheet
674Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE0505D TOPPOWER-TPE0505D Datasheet
712Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE0505D TOPPOWER-TPE0505D Datasheet
716Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE0505D/E TOPPOWER-TPE0505D/E Datasheet
257Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
More results

Similar Description - TPE0505D

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
Isolated 1W Single Output DC/DC Converters
NME2405SC MURATA-NME2405SC Datasheet
118Kb / 4P
Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
Isolated 1W Single Output DC/DC Converters
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com