Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045ST Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR3045ST
Description  Switch?릑ode Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR3045ST Datasheet(HTML) 2 Page - ON Semiconductor

  MBR3045ST Datasheet HTML 1Page - ON Semiconductor MBR3045ST Datasheet HTML 2Page - ON Semiconductor MBR3045ST Datasheet HTML 3Page - ON Semiconductor MBR3045ST Datasheet HTML 4Page - ON Semiconductor MBR3045ST Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR3045ST, MBRB3045CT−1
http://onsemi.com
2
THERMAL CHARACTERISTICS (Per Diode)
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case
RθJC
1.5
°C/W
ELECTRICAL CHARACTERISTICS (Per Diode)
Characteristic
Symbol
Value
Unit
Instantaneous Forward Voltage (Note 2)
(iF = 15 Amp, TC = 25°C)
(iF = 15 Amp, TC = 125°C)
(iF = 30 Amp, TC = 25°C)
(iF = 30 Amp, TC = 125°C)
vF
0.62
0.57
0.76
0.72
V
Instantaneous Reverse Current (Note 2)
(VR = 45 Volts, TC = 25°C)
(VR = 45 Volts, TC = 125°C)
IR
0.2
40
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2
Pulse Test: Pulse Width = 300
μs, Duty Cycle ≤ 2.0%
Figure 1. Typical Forward Voltage
Figure 2. Maximum Reverse Current
0.6
0
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
1000
10
VR, REVERSE VOLTAGE (VOLTS)
0
0.2
0.04
0.02
0.002
1.0
0.2
0.4
0.8
10
20
30
40
0.1
0.4
1.0
0.1
1.0
50
4.0
2.0
10
20
100
40
200
TJ = 125°C
150
°C
25
°C
TJ = 150°C
125
°C
100
°C
100
0.01
0.004
25
°C
75
°C
1.6
1.2
1.4
1.8
Figure 3. Typical Reverse Current
0.6
0
vF, MAXIMUM FORWARD VOLTAGE (VOLTS)
1000
10
1.0
0.2
0.4
0.8
0.1
1.0
TJ = 125°C
150
°C
25
°C
100
1.6
1.2
1.4
1.8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com