Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045ST Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR3045ST
Description  Switch?릑ode Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR3045ST Datasheet(HTML) 3 Page - ON Semiconductor

  MBR3045ST Datasheet HTML 1Page - ON Semiconductor MBR3045ST Datasheet HTML 2Page - ON Semiconductor MBR3045ST Datasheet HTML 3Page - ON Semiconductor MBR3045ST Datasheet HTML 4Page - ON Semiconductor MBR3045ST Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBR3045ST, MBRB3045CT−1
http://onsemi.com
3
Figure 4. Current Derating, Case
Figure 5. Current Derating, Ambient
Figure 6. Forward Power Dissipation
110
TC, CASE TEMPERATURE (°C)
20
8.0
4.0
0
TA, AMBIENT TEMPERATURE (°C)
20
0
24
16
8.0
0
40
8.0
16
0
IF, AVERAGE FORWARD CURRENT (AMPS)
32
16
12
8.0
4.0
0
12
120
130
140
170
60
80
180
20
40
24
28
4.0
28
32
36
20
24
SQUARE WAVE
dc
SQUARE WAVE
dc
16
12
24
20
12
4.0
100
120
140
RATED VR APPLIED
SQUARE WAVE
dc
RATED VOLTAGE APPLIED
RqJC = 1.1°C/W
RqJA = 16°C/W
(With TO-220 Heat Sink)
RqJA = 60°C/W
(No Heat Sink)
SQUARE WAVE
dc
TJ = 125°C
(CAPACITATIVE LOAD)
I
PK
I
AV
+ 5.0
10
20
(RESISTIVE LOAD)
I
PK
I
AV
+ p
Figure 7. Capacitance
0
VR, REVERSE VOLTAGE (V)
1000
10
10
30
40
100
TJ = 25°C
f = 1 MHz
50
10000
20
150
160
160
ORDERING INFORMATION
Device
Package
Shipping
MBR3045STG
TO−220
(Pb−Free)
50 Units/Rail
MBRB3045CT−1G
TO−262
(Pb−Free)
50 Units/Rail



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com