Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC660AMD Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC660AMD
Description  CMOS Quad Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC660AMD Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC660AMD Datasheet HTML 1Page - National Semiconductor (TI) LMC660AMD Datasheet HTML 2Page - National Semiconductor (TI) LMC660AMD Datasheet HTML 3Page - National Semiconductor (TI) LMC660AMD Datasheet HTML 4Page - National Semiconductor (TI) LMC660AMD Datasheet HTML 5Page - National Semiconductor (TI) LMC660AMD Datasheet HTML 6Page - National Semiconductor (TI) LMC660AMD Datasheet HTML 7Page - National Semiconductor (TI) LMC660AMD Datasheet HTML 8Page - National Semiconductor (TI) LMC660AMD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. Boldface limits apply at the temperature extremes. V
+ = 5V, V−
= 0V, V
CM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
Parameter
Conditions
Typ
(Note 4)
LMC660AMD
LMC660AI
LMC660C
LMC660E
Units
LMC660AMJ/883
Limit
Limit
Limit
Limit
(Notes 4, 9)
(Note 4)
(Note 4)
(Note 4)
Output Swing
V
+ = 5V
4.87
4.82
4.82
4.78
4.78
V
R
L = 2kΩ to V
+/2
4.77
4.79
4.76
4.70
min
0.10
0.15
0.15
0.19
0.19
V
0.19
0.17
0.21
0.25
max
V
+ = 5V
4.61
4.41
4.41
4.27
4.27
V
R
L = 600Ω to V
+/2
4.24
4.31
4.21
4.10
min
0.30
0.50
0.50
0.63
0.63
V
0.63
0.56
0.69
0.75
max
V
+ = 15V
14.63
14.50
14.50
14.37
14.37
V
R
L = 2kΩ to V
+/2
14.40
14.44
14.32
14.25
min
0.26
0.35
0.35
0.44
0.44
V
0.43
0.40
0.48
0.55
max
V
+ = 15V
13.90
13.35
13.35
12.92
12.92
V
R
L = 600Ω to V
+/2
13.02
13.15
12.76
12.60
min
0.79
1.16
1.16
1.45
1.45
V
1.42
1.32
1.58
1.75
max
Output Current
Sourcing, V
O = 0V
22
16
16
13
13
mA
V
+ = 5V
12
14
11
9
min
Sinking, V
O = 5V
21
16
16
13
13
mA
12
14
11
9
min
Output Current
Sourcing, V
O = 0V
40
19
28
23
23
mA
V
+ = 15V
19
25
21
15
min
Sinking, V
O = 13V
39
19
28
23
23
mA
(Note 12)
19
24
20
15
min
Supply Current
All Four Amplifiers
1.5
2.2
2.2
2.7
2.7
mA
V
O = 1.5V
2.9
2.6
2.9
3.0
max
AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. Boldface limits apply at the temperature extremes. V
+ = 5V, V−
= 0V, V
CM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
Parameter
Conditions
Typ
(Note 4)
LMC660AMD
LMC660AI
LMC660C
LMC660E
Units
LMC660AMJ/883
Limit
Limit
Limit
Limit
(Notes 4, 9)
(Note 4)
(Note 4)
(Note 4)
Slew Rate
(Note 6)
1.1
0.8
0.8
0.8
0.8
V/µs
0.5
0.6
0.7
0.4
min
Gain-Bandwidth Product
1.4
0.5
MHz
Phase Margin
50
Deg
Gain Margin
17
dB
Amp-to-Amp Isolation
(Note 7)
130
dB
Input Referred Voltage Noise
F = 1 kHz
22
Input Referred Current Noise
F = 1 kHz
0.0002
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com