Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC660AMD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC660AMD
Description  CMOS Quad Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC660AMD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC660AMD Datasheet HTML 1Page - National Semiconductor (TI) LMC660AMD Datasheet HTML 2Page - National Semiconductor (TI) LMC660AMD Datasheet HTML 3Page - National Semiconductor (TI) LMC660AMD Datasheet HTML 4Page - National Semiconductor (TI) LMC660AMD Datasheet HTML 5Page - National Semiconductor (TI) LMC660AMD Datasheet HTML 6Page - National Semiconductor (TI) LMC660AMD Datasheet HTML 7Page - National Semiconductor (TI) LMC660AMD Datasheet HTML 8Page - National Semiconductor (TI) LMC660AMD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LMC660
CMOS Quad Operational Amplifier
General Description
The LMC660 CMOS Quad operational amplifier is ideal for
operation from a single supply. It operates from +5V to +15V
and features rail-to-rail output swing in addition to an input
common-mode range that includes ground. Performance
limitations that have plagued CMOS amplifiers in the past
are not a problem with this design. Input V
OS, drift, and
broadband noise as well as voltage gain into realistic loads
(2 k
Ω and 600Ω) are all equal to or better than widely ac-
cepted bipolar equivalents.
This chip is built with National’s advanced Double-Poly
Silicon-Gate CMOS process.
See the LMC662 datasheet for a dual CMOS operational
amplifier with these same features.
Features
n Rail-to-rail output swing
n Specified for 2 k
Ω and 600Ω loads
n High voltage gain:
126 dB
n Low input offset voltage:
3 mV
n Low offset voltage drift:
1.3 µV/˚C
n Ultra low input bias current:
2 fA
n Input common-mode range includes V
−
n Operating range from +5V to +15V supply
n ISS = 375 µA/amplifier; independent of V
+
n Low distortion:
0.01% at 10 kHz
n Slew rate:
1.1 V/µs
n Available in extended temperature range (−40˚C to
+125˚C); ideal for automotive applications
n Available to Standard Military Drawing specification
Applications
n High-impedance buffer or preamplifier
n Precision current-to-voltage converter
n Long-term integrator
n Sample-and-Hold circuit
n Peak detector
n Medical instrumentation
n Industrial controls
n Automotive sensors
Connection Diagram
14-Pin DIP/SO
DS008767-1
April 1998
© 1999 National Semiconductor Corporation
DS008767
www.national.com


Similar Part No. - LMC660AMD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC660AI NSC-LMC660AI Datasheet
441Kb / 12P
CMOS Quad Operational Amplifier
LMC660AI NSC-LMC660AI Datasheet
873Kb / 14P
CMOS Quad Operational Amplifier
LMC660AIM NSC-LMC660AIM Datasheet
441Kb / 12P
CMOS Quad Operational Amplifier
LMC660AIM NSC-LMC660AIM Datasheet
873Kb / 14P
CMOS Quad Operational Amplifier
logo
Texas Instruments
LMC660AIM TI1-LMC660AIM Datasheet
1Mb / 22P
LMC660 CMOS Quad Operational Amplifier
More results

Similar Description - LMC660AMD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6034 NSC-LMC6034 Datasheet
301Kb / 12P
CMOS Quad Operational Amplifier
LMC6044 NSC-LMC6044 Datasheet
387Kb / 12P
CMOS Quad Micropower Operational Amplifier
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
Precision CMOS Quad Operational Amplifier
LMC660 NSC-LMC660_00 Datasheet
441Kb / 12P
CMOS Quad Operational Amplifier
LMC660 NSC-LMC660_06 Datasheet
873Kb / 14P
CMOS Quad Operational Amplifier
LMC660EP NSC-LMC660EP Datasheet
891Kb / 15P
CMOS Quad Operational Amplifier
logo
Texas Instruments
LMC6034IMX TI-LMC6034IMX Datasheet
1Mb / 22P
LMC6034 CMOS Quad Operational Amplifier
LMC660CMX TI1-LMC660CMX Datasheet
1Mb / 22P
LMC660 CMOS Quad Operational Amplifier
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
CMOS Quad Operational Amplifier
LMC6044 TI1-LMC6044_17 Datasheet
1Mb / 23P
CMOS Quad Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com